Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2014 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4GTL2014 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
3
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Limiting values
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
A port
−0.5[1]
7
V
B port
−0.5[1]
4.6
V
IOK
output clamping current
A port; VO <0V
-
−50
mA
VO
output voltage
output in OFF or
HIGH state
A port
−0.5[1]
7
V
B port
−0.5[1]
4.6
V
IOL
LOW-level output current
current into any
output in the
LOW state
A port
-
32
mA
B port
-
80
mA
IOH
HIGH-level output current
current into any
output in the
HIGH state; A
port
-
−32
mA
Tstg
storage temperature
[2]
−60
150
°C
Note:
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are
observed.
[2] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can
create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit
should not exceed 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com