Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002WE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002WE
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002WE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4GTL2002WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002WE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
2
PI4GTL2002
2-bit bidirectional low voltage translator
Pin Description
Pin No
Name
Description
1
GND
ground (0 V)
2
SREF
low-voltage side reference supply voltage for S1 and D1
3
S1
serial clock, low-voltage side; connect to SREF through a pull-up resistor
4
S2
serial data, low-voltage side; connect to SREF through a pull-up resistor
5
D2
serial data, high-voltage side; connect to DREF through a pull-up resistor
6
D1
serial clock, high-voltage side; connect to DREF through a pull-up resistor
7
DREF
high-voltage side reference supply voltage for S2 and D2
8
GREF
switch enable input; connect to DREF and pull-up through a high resistor
Block Diagram
Figure.1Block Diagram
Function selection, HIGH to LOW translation
Assuming Dn is at the higher voltage level.
H = HIGH voltage level; L = LOW voltage level; X = Don’t care.
[1]
GREF should be at least 1.5 V higher than SREF for best translator operation.
[2]
Sn is not pulled up or pulled down.
[3]
Sn follows the Dn input LOW.
[4]
VTT is equal to the SREF voltage.
GREF
DREF
SREF
Input Dn
Output Sn
Transistor
H
H
0V
X
X
off
H
H
VTT
H
VTT
on
H
H
VTT
L
L
on
L
L
0V-VTT
X
X
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com