Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2014LEX Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014LEX
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014LEX Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2014LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
8
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Waveforms
VM = 1.5 V at VCC ≥ 3.0 V; VM = VCC/2 at VCC ≤ 2.7 V for A ports and control pins;
VM = Vref for B ports.
Fig 2. Voltage waveforms
Fig 3.
Propagation delay, Bn to An



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com