Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002WEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002WEX
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002WEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2002WEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2002WEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
6
PI4GTL2002
2-bit bidirectional low voltage translator
Figure.3 Bidirectional translation to multiple higher voltage levels such as an I2C-bus application
For unidirectional clamping, higher voltage to lower voltage, the GREF input must be connected to DREF and both pins pulled
to the higher side VCC through a pull-up resistor (typically 200 kΩ). A filter capacitor on DREF is recommended. Pull-up
resistors are required if the chip set I/O are open-drain. The opposite side of the reference transistor (SREF) is connected to the
processor core supply voltage. When DREF is connected through a 200 kΩ resistor to a 3.3 V to 5.5 V VCC supply and SREF is
set between 0.8 V to (VCC-1.5 V), the output of each Sn has a maximum output voltage equal to SREF.
Figure.4 Unidirectional down translation to protect low voltage processor pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com