Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2034LEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4GTL2034LEX
Description  4-bit GTL to GTL transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2034LEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI4GTL2034LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2034LEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0002
PT0569-1
12/11/15
7
PI4GTL2034
Preliminary Datasheet
4-bit GTL to GTL transceiver
Dynamic Characteristics
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
GTL − ; Vref = 0.5V; VTT = 0.75 V
tPLH
LOW to HIGH
propagation
delay
BIn to BOn;
4.2
8
ns
tPHL
HIGH to LOW
propagation
delay
BIn to BOn;
8.6
12
ns
GTL − ; Vref = 0.6 V; VTT = 0.9 V
tPLH
LOW to HIGH
propagation
delay
BIn to BOn;
4.4
8
ns
tPHL
HIGH to LOW
propagation
delay
BIn to BOn;
8.6
12
ns
GTL − ; Vref = 0.8 V; VTT = 1.2 V
tPLH
LOW to HIGH
propagation
delay
BIn to BOn;
5.3
9
ns
tPHL
HIGH to LOW
propagation
delay
BIn to BOn;
8.9
13
ns
GTL+; Vref = 1.0 V; VTT = 1.5 V
tPLH
LOW to HIGH
propagation
delay
BIn to BOn;
6.5
10
ns
tPHL
HIGH to LOW
propagation
delay
BIn to BOn;
9.4
14
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com