Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12191 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12191
Description  12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12191 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12191 Datasheet HTML 1Page - National Semiconductor (TI) ADC12191 Datasheet HTML 2Page - National Semiconductor (TI) ADC12191 Datasheet HTML 3Page - National Semiconductor (TI) ADC12191 Datasheet HTML 4Page - National Semiconductor (TI) ADC12191 Datasheet HTML 5Page - National Semiconductor (TI) ADC12191 Datasheet HTML 6Page - National Semiconductor (TI) ADC12191 Datasheet HTML 7Page - National Semiconductor (TI) ADC12191 Datasheet HTML 8Page - National Semiconductor (TI) ADC12191 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC12191
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter
with Internal Sample & Hold
General Description
The ADC12191 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 10 megasamples per second (MSPS). The
ADC12191 utilizes an innovative pipeline architecture to
minimize die size and power consumption. The ADC12191
uses self-calibration and error correction to maintain accu-
racy and performance over temperature.
The ADC12191 converter operates on a 5V power supply
and can digitize analog input signals in the range of 0 to 2V.
A single convert clock controls the conversion operation. All
digital I/O is TTL compatible.
The ADC12191 is designed to minimize external compo-
nents necessary for the analog input interface. An internal
sample-and-hold circuit samples the analog input and an in-
ternal amplifier buffers the reference voltage input.
The ADC12191 is available in the 32-lead TQFP package
and is designed to operate over the extended commercial
temperature range of -40˚C to +85˚C.
Features
n
Single 5V power supply
n
Simple analog input interface
n
Internal Sample-and-hold
n
Internal Reference buffer amplifier
n
Low power consumption
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
10 Msps (min)
n
DNL
±0.5 LSB (typ)
n
SNR
63 dB (typ)
n
ENOB
10 Bits (typ)
n
Analog Input Range
2 Vpp (min)
n
Supply Voltage
+5V ±5%
n
Power Consumption, 10 MHz
235 mW (typ)
Applications
n
Image processing front end
n
PC-based data acquisition
n
Scanners
n
Fax machines
n
Waveform digitizer
Connection Diagram
DS101040-1
March 2000
© 2000 National Semiconductor Corporation
DS101040
www.national.com


Similar Part No. - ADC12191

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC121 MPSIND-ADC121 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1210 NSC-ADC1210 Datasheet
389Kb / 11P
ADC1210/ADC1211 12-Bit CMOS A/D Converters
ADC1210HCD NSC-ADC1210HCD Datasheet
389Kb / 11P
ADC1210/ADC1211 12-Bit CMOS A/D Converters
ADC1210HD NSC-ADC1210HD Datasheet
389Kb / 11P
ADC1210/ADC1211 12-Bit CMOS A/D Converters
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results

Similar Description - ADC12191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com