Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12062EVAL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062EVAL
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062EVAL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12062EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12062EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Dynamic Characteristics (Note 10) The following specifications apply for DVCC e AVCC ea5V
VREFa(SENSE) ea4096V VREFb(SENSE) e AGND RS e 25X fIN e 100 kHz 0 dB from fullscale and fs e 1 MHz unless
otherwise specified Boldface limits apply for TA e TJ from TMIN to TMAX all other limits TA e TJ ea25 C
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
SINAD
Signal-to-Noise Plus
TMIN to TMAX
71
680
dB (min)
Distortion Ratio
SNR
Signal-to-Noise Ratio
TMIN to TMAX
72
695
dB (min)
(Note 11)
THD
Total Harmonic Distortion
TA ea25 C
b
82
b
74
dBc (max)
(Note 12)
TMIN to TMAX
b
70
dBc (max)
ENOB
Effective Number of Bits
TMIN to TMAX
115
110
Bits (min)
(Note 13)
IMD
Intermodulation Distortion
fIN e 1023 kHz 1027 kHz
b
80
dBc
DC Electrical Characteristics The following specifications apply for DVCC e AVCC ea5V
VREFa(SENSE) ea4096V VREFb(SENSE) e AGND and fs e 1 MHz unless otherwise specified Boldface limits apply
for TA e TJ from TMIN to TMAX all other limits TA e TJ ea25 C
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
VIN(1)
Logical ‘‘1’’ Input Voltage
DVCC e AVCC ea55V
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
DVCC e AVCC ea45V
08
V (max)
IIN(1)
Logical ‘‘1’’ Input Current
01
10
m
A (max)
IIN(0)
Logical ‘‘0’’ Input Current
01
10
m
A (max)
VOUT(1)
Logical ‘‘1’’ Output Voltage
DVCC e AVCC ea45V
IOUT eb360 mA
24
V (min)
IOUT eb100 mA
425
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
DVCC e AVCC ea45V
04
V (max)
IOUT e 16 mA
IOUT
TRI-STATE Output
Pins DB0 – DB11
01
3
m
A (max)
Leakage Current
COUT
TRI-STATE Output Capacitance
Pins DB0 – DB11
5
pF
CIN
Digital Input Capacitance
4
pF
DICC
DVCC Supply Current
2
3
mA (max)
AICC
AVCC Supply Current
10
12
mA (max)
ISTANDBY
Standby Current (DICC a AICC)PD e 0V
20
m
A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com