Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 1 Page - TOKO, Inc

Part # DFE201610E-R47M
Description  The use of Flat wire for Low DC resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DFE201610E-R47M Datasheet(HTML) 1 Page - TOKO, Inc

  DFE201610E-R47M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFE201610E
Inductance Range: 0.24~10
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Miniature size: 2016 footprint (2.0mm×1.6mm) and low
profile(1.0mm Max. height)
 The use of magnetic iron powder ensure capability for
large current.
 The use of Flat wire for Low DC resistance.
 Magnetically shielded, low audible core noise.
 Reflow solderable.
 Operating temperature : -40~+125°C
 小型薄型構造 (2.0x1.6mm角、高さ1.0mm Max.)
 磁性材に鉄系磁性粉を用いた大電流対応
 平角線採用による低直流抵抗
 閉磁路構造、低コア鳴きノイズ
 リフロはんだ対応
 動作温度範囲:-40~+125°C
STANDARD PART NUMBERS
標準品一覧
TYPE DFE201610E (Quantity/reel; 3,000 PCS)
品番
インダクタンス
(1)
許容差
測定周波数
直流抵抗
(2)
直流重畳許容電流
(3) 温度上昇許容電流(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
Test
Frequency
(MHz)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
DFE201610E-R24M=P2
0.24
20
1
20 (16)
6.3 (7.0)
4.7 (5.5)
DFE201610E-R33M=P2
0.33
20
1
26 (21)
5.5 (6.1)
4.0 (4.7)
DFE201610E-R47M=P2
0.47
20
1
32 (26)
4.8 (5.3)
3.6 (4.2)
DFE201610E-R68M=P2
0.68
20
1
43 (36)
4.3 (4.8)
3.1 (3.7)
DFE201610E-1R0M=P2
1.0
20
1
57 (48)
3.6 (3.9)
2.7 (3.1)
DFE201610E-1R5M=P2
1.5
20
1
91 (76)
2.9 (3.2)
2.1 (2.4)
DFE201610E-2R2M=P2
2.2
20
1
140 (117)
2.4 (2.6)
1.7 (1.9)
DFE201610E-4R7M=P2
4.7
20
1
288 (240)
1.6 (1.8)
1.1 (1.3)
DFE201610E-100M=P2
10
20
1
780 (650)
1.0 (1.2)
0.65 (0.75)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1MHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 20°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies) また
は同等品により測定する。測定周波数は1MHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度20°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度20°Cを基準とする。)
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ
L
L


Similar Part No. - DFE201610E-R47M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201610E-R47M TOKO-DFE201610E-R47M Datasheet
228Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201610E-R47M MURATA-DFE201610E-R47M Datasheet
982Kb / 2P
Inductor
DFE201610E-R47M MURATA-DFE201610E-R47M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
logo
Kinetic Technologies.
DFE201610E-R47M KINETIC-DFE201610E-R47M Datasheet
1Mb / 25P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
logo
Murata Manufacturing Co...
DFE201610E-R47M# MURATA-DFE201610E-R47M# Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results

Similar Description - DFE201610E-R47M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
800-1403-0-SJT0-BL-00050 ETC2-800-1403-0-SJT0-BL-00050 Datasheet
1Mb / 1P
THE USE OF PRINTING INK REPLENISH WIRE
logo
TOKO, Inc
DFE201210U TOKO-DFE201210U Datasheet
210Kb / 1P
The use of Flat wire for Low DC resistance
DFE252010F TOKO-DFE252010F Datasheet
229Kb / 1P
The use of Flat wire for Low DC resistance
logo
Murata Manufacturing Co...
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
DFE201610C MURATA-DFE201610C Datasheet
171Kb / 1P
The use of Flat wire for Low DC resistance
DFE201610P MURATA-DFE201610P Datasheet
174Kb / 1P
The use of Flat wire for Low DC resistance
DFE252012C MURATA-DFE252012C Datasheet
217Kb / 1P
The use of Flat wire for Low DC resistance
DFE252012F MURATA-DFE252012F Datasheet
187Kb / 1P
The use of Flat wire for Low DC resistance
DFE252012P MURATA-DFE252012P Datasheet
217Kb / 1P
The use of Flat wire for Low DC resistance
DFE322512C MURATA-DFE322512C Datasheet
218Kb / 1P
The use of Flat wire for Low DC resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com