Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS85LCB Datasheet(PDF) 1 Page - TOKO, Inc

Part # DS85LCB
Description  Magnetically shielded construction and low DC resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DS85LCB Datasheet(HTML) 1 Page - TOKO, Inc

  DS85LCB Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS85LCB
Inductance Range: 1.0~100
H
(Unit: mm)
(Unit: mm)
* :DS85LCB; 5.0mm Max.
FEATURES
特長
 8.4  8.3mm Max. square, 5.0mm Max. height).
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 8.4  8.3mm角Max. 高さ5.0 mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
STANDARD PART NUMBERS
標準品一覧
TYPE DS85LCB (Quantity/reel; 500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=10%
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
B1135AS-1R0N=P3
1.0
±30
9.6 (8.0)
7.8 (10.4)
10.1 (13.4)
8.5 (10.0)
B1135AS-1R5N=P3
1.5
±30
11 (9.3)
6.3 (8.4)
8.3 (11.0)
7.6 (9.0)
B1135AS-2R2N=P3
2.2
±30
13 (11)
5.5 (7.3)
7.1 (9.5)
7.3 (8.6)
B1135AS-2R7N=P3
2.7
±30
14 (12)
4.7 (6.3)
6.2 (8.3)
6.5 (7.6)
B1135AS-3R6N=P3
3.6
±30
17 (14)
4.2 (5.6)
5.6 (7.4)
5.5 (6.5)
B1135AS-4R7N=P3
4.7
±30
21 (17)
3.7 (5.0)
4.9 (6.6)
5.1 (6.0)
B1135AS-6R8N=P3
6.8
±30
29 (25)
3.1 (4.1)
4.1 (5.4)
4.0 (4.7)
B1135AS-100M=P3
10
±20
45 (38)
2.4 (3.2)
3.2 (4.3)
3.3 (3.8)
B1135AS-150M=P3
15
±20
64 (53)
2.0 (2.7)
2.6 (3.5)
2.5 (2.9)
B1135AS-220M=P3
22
±20
84 (70)
1.7 (2.3)
2.2 (3.0)
2.3 (2.7)
B1135AS-330M=P3
33
±20
110 (90)
1.4 (1.9)
1.8 (2.4)
1.9 (2.3)
B1135AS-470M=P3
47
±20
150 (125)
1.2 (1.6)
1.5 (2.1)
1.6 (1.9)
B1135AS-680M=P3
68
±20
235 (195)
0.97 (1.3)
1.3 (1.7)
1.3 (1.5)
B1135AS-101M=P3
100
±20
330 (275)
0.79 (1.1)
1.1 (1.4)
1.1 (1.3)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - DS85LCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DS85LC TOKO-DS85LC Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
More results

Similar Description - DS85LCB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
Ferrite core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
FDUM0640 TOKO-FDUM0640 Datasheet
101Kb / 1P
Magnetically shielded construction, low DC resistance.
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
Magnetically shielded construction, low DC resistance
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
logo
Bel Fuse Inc.
SCMS5D25 BEL-SCMS5D25 Datasheet
794Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
SCMS7D43AY BEL-SCMS7D43AY Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com