Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDUE1040D-H-R22M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDUE1040D-H-R22M
Description  Low audible core noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDUE1040D-H-R22M Datasheet(HTML) 1 Page - TOKO, Inc

  FDUE1040D-H-R22M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDUE1040D
Inductance Range: 0.22~1.0
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 11.2  10.0mm square and 4.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensures capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications in hand held
personal computer and etc.
 11.2  10.0mm 角、高さ4.0mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE FDUE1040D (Quantity/reel; 500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DCR
Resistance
(2)
(m
)
Tolerance
7%
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
FDUE1040D-H-R22M=P3
0.22
 20
0.64
32 (43)
32 (40)
FDUE1040D-H-R36M=P3
0.36
 20
0.79
25 (33)
30 (37)
FDUE1040D-H-R45M=P3
0.45
 20
1.02
24 (31)
27 (33)
FDUE1040D-H-1R0M=P3
1.0
 20
2.35
16 (21)
18 (22)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 100kHz.
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25
C)
(3) Inductance Decrease Current based upon 20% inductance
reduction from the initial value.
(4) Temperature Rise Current based upon 40
C temperature rise.
(Reference ambient temperature 25
C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)ま
たは同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より20%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度25°Cを基準とする。)
(5) 絶対最大電圧
30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合は
必ず事前に弊社営業窓口までご相談ください。
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ


Similar Part No. - FDUE1040D-H-R22M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FDUE1040D-H-R22M MURATA-FDUE1040D-H-R22M Datasheet
979Kb / 2P
Inductor
More results

Similar Description - FDUE1040D-H-R22M

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P589-A31-P1-14 VINCOTECH-V23990-P589-A31-P1-14 Datasheet
483Kb / 22P
Motor Drives Low audible noise applications
logo
TOKO, Inc
DFE252012F TOKO-DFE252012F Datasheet
228Kb / 1P
Magnetically shielded, low audible core noise
DFEG7030D TOKO-DFEG7030D Datasheet
247Kb / 1P
Low audible core noise
DFEG10040D TOKO-DFEG10040D Datasheet
258Kb / 1P
Low audible core noise
DFEG12060D TOKO-DFEG12060D Datasheet
229Kb / 1P
Low audible core noise
DFEH7030D TOKO-DFEH7030D Datasheet
247Kb / 1P
Low audible core noise
DFEH10040D TOKO-DFEH10040D Datasheet
264Kb / 1P
Low audible core noise
FDSD0415 TOKO-FDSD0415 Datasheet
238Kb / 1P
Low audible core noise
FDUE0650 TOKO-FDUE0650 Datasheet
250Kb / 1P
Low audible core noise
FDUE1260 TOKO-FDUE1260 Datasheet
217Kb / 1P
Low audible core noise
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com