Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS53 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS53
Description  Schottky rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS53 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS53 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS53 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS510
SS58
SS56
SS55
SS54
SS53
SS52
SK52~SK510(SS52~SS510) SMC
A
Schottky rectifier
Major Ratings and Characteristics
IF(AV)
5.0 A
VRRM
20 V to 100 V
IFSM
150 A
VF
0.55 V , 0.70 V, 0.85V
Tj max.
150 °C
Features
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperatrue soldering
260
/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214ABmolded plastic
body over passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol SK52
SK53
SK54
SK55
SK56
SK58
SK510
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
IF(AV)
5
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum instantaneous forwad voltage at 5.0
VF
0.55
0.70
0.85
V
Maximum DC reverse current
TA = 25
at Rated DC blocking voltage
TA = 100
IR
0.5
mA
10
20
mA
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Thermal resistance from junction to ambient
R JA
88
/ W
Operating junction and storage temperature
range
TJ, TSTG
–65 to +150


Similar Part No. - SS53

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS53 JINANJINGHENG-SS53 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS53 YANGJIE-SS53 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS53 FRONTIER-SS53 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS53 LUGUANG-SS53 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS53 LUGUANG-SS53 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS53

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com