Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12451 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12451
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12451 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12451 Datasheet HTML 1Page - National Semiconductor (TI) ADC12451 Datasheet HTML 2Page - National Semiconductor (TI) ADC12451 Datasheet HTML 3Page - National Semiconductor (TI) ADC12451 Datasheet HTML 4Page - National Semiconductor (TI) ADC12451 Datasheet HTML 5Page - National Semiconductor (TI) ADC12451 Datasheet HTML 6Page - National Semiconductor (TI) ADC12451 Datasheet HTML 7Page - National Semiconductor (TI) ADC12451 Datasheet HTML 8Page - National Semiconductor (TI) ADC12451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH11025
December 1994
ADC12451 Dynamically-Tested Self-Calibrating
12-Bit Plus Sign AD Converter with Sample-and-Hold
General Description
The ADC12451 is a CMOS 12-bit plus sign successive ap-
proximation analog-to-digital converter whose dynamic
specifications (SN THD etc) are tested and guaranteed
On request the ADC12451 goes through a self-calibration
cycle that adjusts linearity zero and full-scale errors The
ADC12451 also has the ability to go through an Auto-Zero
cycle that corrects the zero error during every conversion
The analog input to the ADC12451 is tracked and held by
the internal circuitry so an external sample-and-hold is not
required The ADC12451 has a S H control input which di-
rectly controls the track-and-hold state of the AD A unipo-
lar analog input voltage range (0V to a5V) or a bipolar
range (b5V to a5V) can be accommodated with g5V sup-
plies
The 13-bit data result is available on the eight outputs of the
ADC12451 in two bytes high-byte first and sign extended
The digital inputs and outputs are compatible with TTL or
CMOS logic levels
Applications
Y
Digital Signal Processing
Y
Audio
Y
Telecommunications
Y
High Resolution Process Control
Y
Instrumentation
Features
Y
Self-calibration provides excellent temperature stability
Y
Internal sample-and-hold
Y
8-bit mPDSP interface
Y
Bipolar input range with a single a5V reference
Key Specifications
Y
Resolution
12 bits plus sign
Y
Conversion Time
77 ms (max)
Y
Sampling Rate
83 kHz (max)
Y
Bipolar SignalNoise
735 dB (min)
Y
Total Harmonic Distortion
b
780 dB (max)
Y
Aperture Time
100 ns
Y
Aperture Jitter
100 psrms
Y
Zero Error
g
2 LSB (max)
Y
Positive Full-Scale Error
g
15 LSB (max)
Y
Power Consumption
g
5V
113 mW (max)
Simplified Block Diagram
TLH11025 – 1
Connection Diagram
Dual-In-Line Package
TLH11025 – 2
Top View
Ordering Information
Industrial
Package
(b40 C s TA s 85 C)
ADC12451CIJ
J24A
Military
Package
(b55 C s TA s 125 C)
ADC12451CMJ
J24A
ADC12451CMJ883
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC12451

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC124 MPSIND-ADC124 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241BIJ NSC-ADC1241BIJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CIJ NSC-ADC1241CIJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CMJ NSC-ADC1241CMJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
More results

Similar Description - ADC12451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com