Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUC Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # RUC
Description  Power relays of general application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RUC Datasheet(HTML) 2 Page - ZETTLER Electronics

  RUC Datasheet HTML 1Page - ZETTLER Electronics RUC Datasheet HTML 2Page - ZETTLER Electronics RUC Datasheet HTML 3Page - ZETTLER Electronics RUC Datasheet HTML 4Page - ZETTLER Electronics RUC Datasheet HTML 5Page - ZETTLER Electronics RUC Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
2
RUC
industrial relays of small dimensions
Coil data - DC voltage version, reinforced
Table 2
Coil operating range
V DC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V DC
Coil resistance
at 20 °C
Coil code ❻
4,8
9,6
19,2
92,0
96,0
176,0
184,0
192,0
6,6
13,2
26,4
126,5
132,0
242,0
253,0
264,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
4,8
9,6
19,2
33,6
38,4
48,0
88,0
96,0
176,0
6,6
13,2
26,4
46,2
52,8
66,0
121,0
132,0
242,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
5006
5012
5024
5115
5120
5220
5230
5240
6
12
24
115
120
220
230
240
4,3
18,5
75
1 840
1 910
6 980
7 080
7 760
1006
1012
1024
1042
1048
1060
1110
1120
1220
6
12
24
42
48
60
110
120
220
28
110
430
1 340
1 750
2 700
9 200
11 000
37 000
The data in bold type pertain to the standard versions of the relays.
9,6
19,2
38,4
88,0
176,0
13,2
26,4
52,8
121,0
242,0
± 10%
± 10%
± 10%
± 10%
± 10%
W012
W024
W048
W110
W220
12
24
48
110
220
85
345
1 370
7 300
30 000
❻
For version with contact gap  3 mm.
Coil data - DC voltage version
Table 1
Coil operating range
V DC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V DC
Coil resistance
at 20 °C
Coil code
Coil data - AC 50/60 Hz voltage version, basic
Table 3
Coil operating range
V AC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V AC
Coil resistance
at 20 °C
Coil code
4,8
9,6
19,2
92,0
96,0
176,0
184,0
192,0
320,0
6,6
13,2
26,4
126,5
132,0
242,0
253,0
264,0
440,0
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 10%
3006
3012
3024
3115
3120
3220
3230
3240
3400
6
12
24
115
120
220
230
240
400
4,8
20
72
2 100
2 300
7 000
7 900
8 300
21 500
Coil data - AC 50 Hz voltage version, special
Table 4
Coil operating range
V AC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V AC
Coil resistance
at 20 °C
Coil code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com