Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RY2 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # RY2
Description  Relays of general application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RY2 Datasheet(HTML) 2 Page - ZETTLER Electronics

  RY2 Datasheet HTML 1Page - ZETTLER Electronics RY2 Datasheet HTML 2Page - ZETTLER Electronics RY2 Datasheet HTML 3Page - ZETTLER Electronics RY2 Datasheet HTML 4Page - ZETTLER Electronics RY2 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
2
RY2
miniature industrial relays
4,8
9,6
19,2
33,6
38,4
48,0
64,0
88,0
96,0
101,6
176,0
184,0
192,0
6,6
13,2
26,4
46,2
52,8
66,0
88,0
121,0
132,0
139,7
242,0
253,0
264,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
4,0
4,8
9,6
19,2
38,4
48,0
64,0
88,0
100,0
176,0
5,5
6,6
13,2
26,4
52,8
66,0
88,0
121,0
137,5
242,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
5006
5012
5024
5042
5048
5060
5080
5110
5120
5127
5220
5230
5240
6
12
24
42
48
60
80
110
120
127
220
230
240
9,8
39,5
158
470
640
930
1 720
3 450
3 770
4 000
15 400
16 100
16 800
1005
1006
1012
1024
1048
1060
1080
1110
1125
1220
5
6
12
24
48
60
80
110
125
220
28
40
160
640
2 600
4 000
7 100
13 600
16 000
54 000
Coil data - DC voltage version
Table 1
Coil operating range
V DC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V DC
Coil resistance
at 20 °C
Coil code
Coil data - AC 50/60 Hz voltage version, basic
Table 2
Coil operating range
V AC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V AC
Coil resistance
at 20 °C
Coil code
4,8
9,6
19,2
28,8
33,6
38,4
48,0
64,0
88,0
96,0
102,0
176,0
184,0
6,6
13,2
26,4
39,6
46,2
52,8
66,0
88,0
121,0
132,0
140,0
242,0
253,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
3006
3012
3024
3036
3042
3048
3060
3080
3110
3120
3127
3220
3230
6
12
24
36
42
48
60
80
110
120
127
220
230/240
5
50
190
400
565
785
1 240
2 190
3 880
4 150
4 940
16 300
17 400
Coil data - AC 50 Hz voltage version, special
Table 3
Coil operating range
V AC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V AC
Coil resistance
at 20 °C
Coil code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com