Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM-4210 Datasheet(PDF) 2 Page - IXYS Corporation

Part # PVM-4210
Description  1,900V Differential Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PVM-4210 Datasheet(HTML) 2 Page - IXYS Corporation

  PVM-4210 Datasheet HTML 1Page - IXYS Corporation PVM-4210 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE PULSE OF THE FUTURE
Directed Energy, Inc.
An IXYS Company
2401 Research Blvd., Suite 108
Fort Collins, CO USA 80526
970-493- 1901 Fax: 970-493-1903
Email: deiinfo@directedenergy.com
Web: http://www.directedenergy.com
OUTPUT PULSE ELECTRICAL CHARACTERISTICS (Specifications Apply To Both Output Channels)
Output Voltage
0 to +950V ±5V (Channel 1), 0 to –950V ±5V
(Channel 2)
Output Voltage Adjustments
Screwdriver-adjustable potentiometers, End
Panel
Pulse Width
<40ns to DC measured FWHM, controlled by
input gate
Pulse Rise And Fall Time
≤15ns, 10%-90%
Pulse Recurrence Frequency
Single Shot to >20KHz continuous, 5MHz burst,
controlled by input gate (1)
Pulse Droop
<1%
Over/Undershoot
<5%
Jitter
<1ns Shot-to-Shot
Throughput Delay (Delay from leading edge of
input gate to leading edge of output pulse)
93ns typical
Maximum Duty Cycle
Continuous
Maximum Average Power (Per Channel)
4W (1)
Pulse Output Connectors
SHV, End Panel
Output Cables
12” (~30cm) Belden 8218 75
Ω Coaxial Cable
GATE
Gate Source
External
Gate Input
TTL into 50
Ω
Gate Rise Time
<20ns
Gate Connector
DSUB, End Panel
GENERAL
Support Power
24VDC to 28VDC @ 600mA Maximum Current
Dimensions (Excluding Connectors)
5.5”W x 11”L x 1.75”H (140mm W x 279.5mm L x
44.5mm H )
Weight (Approximate)
41 Ounces (1.16 kilograms)
Specifications subject to change without notice
SPECIFICATIONS
(All specifications measured into a 50pF load connected to each of the two outputs with 12” (~30cm) of Belden 8218 75
Ω coaxial cable )
Min. Pulse Width: 38ns at 950V
10ns/Div horizontal scale, 200V/Div vertical scale
Typical Differential Output, ±950V
2.5µs/Div horizontal scale, 318V/Div vertical scale,
center horizontal trace is ground
20KHz Frequency, Both Channels
25µs/Div horizontal scale, 318V/Div vertical scale
Pulse Fall Time: 13ns at 950V
10ns/Div horizontal scale, 200V/Div vertical scale
5MHz Pulse Burst, 950V Output
250ns/Div horizontal scale, 200V/Div vertical scale
(1) The power dissipated in each channel of the PVM-4210 when
driving a capacitive load is defined by the formula CV2F, where C is
the total load capacitance, including the capacitance of the load,
interconnect cable, and the internal capacitance of the PVM-4210, V
is the pulse voltage, and F is the pulse repetition frequency (or the
total pulses per second). (For these calculations, the internal ca-
pacitance of the PVM-4210 is 125pF, and Belden 8218 cable is
21.5pf/foot.) Given the maximum power supply capability of 4W
(4mA) per channel, the maximum load capacitance, frequency and/
or voltage at which the PVM-4210 can operate can be approximated
using this formula. At lower load capacitances and/or voltages less
then 950V, the PVM-4210 can operate at continuous pulse
recurrence frequencies greater than 20KHz. This formula is not
applicable when driving non-capacitive (resistive or inductive) loads.
Contact DEI for information or assistance in using the PVM-4210
with different load characteristics or impedances.
9200-0204 Rev 3
© Directed Energy, Inc. 2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com