Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT10 Datasheet(PDF) 8 Page - Hirose Electric

Part # U.FL-R-SMT10
Description  Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT10 Datasheet(HTML) 8 Page - Hirose Electric

  U.FL-R-SMT10 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT10 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
USA:
HIROSE ELECTRIC U.S.A., INC.
2688 Westhills Court, Simi Valley, CA 93065-6235
Phone : 1 805 522 7958
Fax : 1 805 522 3217
http://www.hirose.com
UNITED KINGDOM:
HIROSE ELECTRIC UK LTD.
Crownhill Business Centre 22 Vincent Avenue
Crownhill, Milton Keynes MK8 OAB
Phone : 44 1908 305400
Fax : 44 1908 305401
http://www.hirose.co.uk
HONG KONG:
HIROSE ELECTRIC CO., LTD.
Unit 506, Energy Plaza. 92 Granville Road, Tsim Sha
Tsui East, Kowloon
Phone : 852 2803 5338
Fax : 852 2591 6560
EUROPE BRANCH:
HIROSE ELECTRIC CO., LTD.
Beechavenue 46.1119PV
Schiphol-Rijk,The Netherlands
Phone : 31 20 6557460
Fax : 31 20 6557469
http://hiroseeurope.com
KOREA:
HIROSE KOREA CO., LTD.
(#2NA311,Shihwa Industrial Complex),
1261-10, Jeoungwhang-Dong, Shihung-City, Kyunggi-Do
Phone : 82 31 496 7000,7124
Fax : 82 31 496 7100
http://www.hirose.co.kr
TAIWAN:
HIROSE ELECTRIC CO., LTD.
No.28 Lane 247 Sec. 2 Yen Ping N,Rd.Taipei
Phone : 886 2 2557 7351,7352
Fax : 886 2 2552 9851
GERMANY:
HIROSE ELECTRIC GmbH
Zeppelinstrasse 42 D-73760 Ostfildern Kemnat
Phone : 49 711 4560021
Fax : 49 711 4560729
http://www.hirose.de
CHINA:
HIROSE ELECTRIC TRADING(SHANGHAI) CO., LTD.
3705,Bund Center,222 Yan An Road(E),Shanghai 20002
Phone : 86 21 6335 2538
Fax : 86 21 6335 0767
SINGAPORE:
HIROSE ELECTRIC CO., LTD.
10 Anson Road #34-13 International Plaza 079903
Phone : 65 6324 6113
Fax : 65 6324 6123
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
®



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com