Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CCS Datasheet(PDF) 21 Page - ams AG

Part # TSL1401CCS
Description  Enables High-Resolution Edge Detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CCS Datasheet(HTML) 21 Page - ams AG

Back Button TSL1401CCS Datasheet HTML 17Page - ams AG TSL1401CCS Datasheet HTML 18Page - ams AG TSL1401CCS Datasheet HTML 19Page - ams AG TSL1401CCS Datasheet HTML 20Page - ams AG TSL1401CCS Datasheet HTML 21Page - ams AG TSL1401CCS Datasheet HTML 22Page - ams AG TSL1401CCS Datasheet HTML 23Page - ams AG TSL1401CCS Datasheet HTML 24Page - ams AG TSL1401CCS Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Jan-18
Document Feedback
TSL1401CCS − Manufacturing Information
This product, in the solder bump linear array package, has been
tested and has demonstrated an ability to be reflow soldered
to a PCB substrate. The process, equipment, and materials used
in these tests are detailed below.
Tooling Required
• Solder stencil (round aperture size 0.36mm, stencil
thickness of 152.4μm)
• 20 × 20 frame for solder stencil
Process
1.
Apply solder paste using stencil
2.
Dispense adhesive dots
3.
Place component
4.
Reflow solder/cure
5.
X-Ray verify
Placement of the TSL1401CCS device onto the gold immersion
substrate is accomplished using a standard surface mount
manufacturing process. First, using the stencil with 0.36mm
square aperture, print solder paste onto the substrate. Next,
dispense two 0.25mm to 0.4mm diameter dots of adhesive in
opposing corners of the TSL1401CCS mounting area. Machine
place the TSL1401CCS onto the substrate. A suggested pick-up
tool is the Siemens Vacuum Pickup tool nozzle number 912. This
nozzle has a rubber tip with a diameter of approximately
0.75mm. The part is picked up from the center of the body.
Reflow the solder and cure the adhesive using the solder profile
shown in Figure 24.
The reflow profiles specified here describe expected maximum
heat exposure of components during the solder reflow process
of product on a PWB. Temperature is measured at the top of
component. The components should be limited to one pass
through the solder reflow profile used.
Manufacturing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com