Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS25G Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # ARS25G
Description  25A AUTOMOTIVE BUTTON DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ARS25G Datasheet(HTML) 3 Page - Nanjing International Group Co

  ARS25G Datasheet HTML 1Page - Nanjing International Group Co ARS25G Datasheet HTML 2Page - Nanjing International Group Co ARS25G Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
AR25A
10mm Button
1000 Units/Box
ARS25A
8.6mm Button
1000 Units/Box
AR25B
10mm Button
1000 Units/Box
ARS25B
8.6mm Button
1000 Units/Box
AR25D
10mm Button
1000 Units/Box
ARS25D
8.6mm Button
1000 Units/Box
AR25G
10mm Button
1000 Units/Box
ARS25G
8.6mm Button
1000 Units/Box
AR25J
10mm Button
1000 Units/Box
ARS25J
8.6mm Button
1000 Units/Box
AR25K
10mm Button
1000 Units/Box
ARS25K
8.6mm Button
1000 Units/Box
AR25M
10mm Button
1000 Units/Box
ARS25M
8.6mm Button
1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com