Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFP2000-F4NMB Datasheet(PDF) 2 Page - SICK AG

Part # LFP2000-F4NMB
Description  LEVEL SENSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LFP2000-F4NMB Datasheet(HTML) 2 Page - SICK AG

  LFP2000-F4NMB Datasheet HTML 1Page - SICK AG LFP2000-F4NMB Datasheet HTML 2Page - SICK AG LFP2000-F4NMB Datasheet HTML 3Page - SICK AG LFP2000-F4NMB Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFP2000-F4NMB | LFP Cubic
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFP2000-F4NMB
1066791
Other models and accessories
www.sick.com/LFP_Cubic
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Design
Standard
Probe type
Rope probe
Probe length
2,000 mm
Process pressure
–1 bar ... 10 bar
Process temperature
–20 °C ... +100 °C
GOST approval
✔
RoHS certificate
✔
IO-Link
✔
CULus certificate
✔
Performance
Accuracy of sensor element
± 5 mm 1)
Repeatability
≤ 2 mm
Resolution
< 2 mm
Response time
< 400 ms
Dielectricity constant
≥ 5 for mono rod probe / rope probe
≥ 1.8 with coaxial tube
Conductivity
No limitation
Maximum level change
≤ 500 mm/s
Deactivated area at end of probe
10 mm 1)
MTTF
194.3 years (EN ISO 13849-1)
1) With water under reference conditions.
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-11 15:58:08
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com