Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2556 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5PD2556
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2556 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5PD2556 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
2
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
Supply Voltage to Ground Potential............................................................-0.5V to +6.0V
DC Input Voltage......................................................................................-0.5V to VDD+0.5V
Voltage range fromIN to OUT ......................................................................-0.5V to+6.0V
Control Input Voltage (VIN)...........................................................................-0.5V to+6.0V
Continuous total power dissipation
(1).......................................................................2400mW
Continuous FAULT sink current..................................................................................25mA
Power Dissipation..............................................................................................................0.5W
ESD: HBM Mode...........................................................................................................4000V
CDM Mode..............................................................................................................500V
ESD-systemlevel (contact/air)...............................................................................8kV/15kV
Recommended operation conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
-
2.5
-
5.5
V
VEN
Input Voltage
PI5PD2556
-
0
-
5.5
V
V/EN
PI5PD2557
0
-
5.5
VIH
High-level input voltage on EN
-
1.1
-
-
V
VIL
Low-level input voltage on EN
-
-
-
0.66
V
IOUT
Continuous output current per channel, OUT
-
0
-
5
A
IFAULT
Continuous /FAULT sink current
-
-
-
10
mA
RILIM
Recommended resistor limit range
-
20
-
187
kΩ
TA
Operating Temperature Range
-
-40
-
85
ºC
Note:
1. Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions
for
extended
periods
may
affect
reliability.
2. The JEDEC high-K (2s2p) board used to derive
this data was a 3in × 3in, multilayer board with 1-
ounce internal power and ground planes and 2-
ounce copper traces on top and bottom of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com