Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2561 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5PD2561
Description  Dual Channel, Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2561 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5PD2561 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Dual Channel, Adjustable Current -Limited Power Switch
2016-03-0004
PT0489-5
04/29/16
1
PI5PD2560/2561
Features
 Two separate current limiting channels
 Meets USB Current-Limiting Requirement
 ±7.5% Current-Limit Accuracy at 2.8A
 Adjustable Current Limit, 250mA-2.8A (typ)
 Fast Over-current Response - 3.5μS (typ)
 44mΩ High-Side MOSFET
 Operating Range: 2.5 V to 5.5V
 2μA Maximum Standby Supply Current
 Reverse Input-Output Voltage Protection
 Built-in Soft-Start
 15 kV / 8 kV System-Level ESD Capable
 Device Package: TDFN 3x3-10L
 UL Listed – File No. E341484
 CB Certified
Applications
 USB Ports/Hubs
 Digital TV
 Set-Top Boxes
 VOIP Phones
Pin Configuration
TDFN3.0x3.0-10L(Top View)
Description
The PI5PD2560/2561 is dual-channel power-distribution
switch intended for applications where precision current
limiting is required or heavy capacitive loads and short
circuits
are
encountered.
These
devices
offer
a
programmable current-limit threshold between 250 mA
and 2.8A (typ) per channel via an external resistor. The
power-switch rise and fall times are controlled to
minimize current surges during turn on/off.
Each channel of the PI5PD2560/2561 devices limit the
output current to a safe level by switching into a
constant-current mode when the output load exceeds the
current-limit threshold.
The
FAULTx
logic
output
for
each
channel
independently asserts low during over-current or over
temperature.
Typical Application Circuit
Pin Description
Pin No.
Pin Name
Type
Description
PI5PD2560
PI5PD2561
1
GND
-
Ground.
2, 3
IN
I
Power input voltage.
4
/EN1
EN1
I
Enable input, logic low/high turns on channel one power switch.
5
/EN2
EN2
I
Enable input, logic low/high turns on channel two power switch.
6
/FAULT2
O
Active-low open-drain output, asserted during over-current or
over-temperature condition occur on channel 2
7
ILIM
I
External resistor used to set current-limit threshold; recommended
20 kΩ ≤ RILIM ≤ 187 kΩ.
8
OUT2
O
Power switch output for channel two
9
OUT1
O
Power switch output for channel one
10
/FAULT1
O
Active-low open-drain output, asserted during over-current or
over-temperature condition occur on channel 1
2
1
3
4
7
8
9
10
IN
EN1
OUT1
/FAULT1
OUT2
ILIM
5
6
EN2
/FAULT2
GND
IN
IN
O UT1
G ND
/ FAU LT1
IL IM
C2
0.1uF
C4
IN
/ FAU LT2
R1
100k
R2
100k
P ow er Pad
O UT2
R3
C3
VIN
Logic signal
C1
E N1
E N2


Similar Part No. - PI5PD2561

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2556ZCEX PERICOM-PI5PD2556ZCEX Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2557 PERICOM-PI5PD2557 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2557ZCEX PERICOM-PI5PD2557ZCEX Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
More results

Similar Description - PI5PD2561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
Dual Channel Precision Adjustable Current-limited Power Switches
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com