Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PD22919 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3PD22919
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PD22919 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3PD22919 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3PD22919 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PI3PD22919
Ultra Small, Low-Input Voltage, Low RON Load Switch
www.pericom.com
P-0.1
10/11/13
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.4
0.6
0.8
1
1.2
VON (V)
VIN=0.75V
VIN=1.05V
VIN=1.2V
VIN=1.8V
VIN=2.5V
VIN=3.6V
ON INPUT THRESHOLD
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
-40
-15
10
35
60
85
Temperature (℃)
TURN-ON TIME vs
TEMPERATURE
VIN=3.6V,CL=0.1μF,RL=10Ohms
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-15
10
35
60
85
Temperature (℃)
TURN-OFF TIME vs
TEMPERATURE
VIN=3.6V,CL=0.1μF,RL=10Ohms
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
-40
-15
10
35
60
85
Temperature (℃)
RISE TIME vs
TEMPERATURE
VIN=3.6V,CL=0.1μF,RL=10Ohms
13-0119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com