Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF-C10 Datasheet(PDF) 1 Page - LEM

Part # DF-C10
Description  DC Current transducer DF-C10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DF-C10 Datasheet(HTML) 1 Page - LEM

  DF-C10 Datasheet HTML 1Page - LEM DF-C10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I
PN = 10..500mA
DC Current transducer DF-C10
For the electronic mesurement of low DC currents, with galvanic
isolation between the primary (High power) and the secondary circuits
(Electronic circuit)
Electrical data
I
OC
Overload capacity
30
A.t
V
OUT
Analog Output signal @
±I
PN
± 10
V
Vc
Supply voltage
± 12...15
VDC
I
C
Current consumption (max)
20
mA
R
L
Load resistance
≥ 2
k
Ω
V
d
Isolation test voltage1)
5000
VAC
Accuracy-Dynamic performance data
X
Accuracy2) of reading @
±12V, T
A=25°C
± 4
%
ε
L
Linearity2) of I
PN
± 0.8
%
V
OE
Electrical Offset Voltage @ T
A=25°C @IP=0
± 50
mV
V
OT
Thermal drift of V
OE @ 0..+70°
±100
mV
t
r
Response time @ 90% of I
PN
<140
mS
General data
T
A
Ambient operating temperature
0..+70
°C
T
S
Ambient storage temperature
-25..+85
°C
m
Mass
140
g
Standard
TBD
Features
• DC Measurement
• Low current transducer
•Panel mounting
• Bipolar voltage supply
• Extended measuring range
Advantages
• Large aperture
• Good performances in harsh
EMC environment
• High isolation between primary
and secondary circuits
• Easy to mount
•Bipolar
•No insertion losses
Options on request
•DIN mounting
Applications
•
DC
leakage
current
measurement
• Differential current
measurement in DC applica-
tions
• Low DC current measurement
Notes: 1) Between primary and secondary
2) Excludes the electrical offset
LEM Components
www.lem.com
020521/0
Primary nominal
Primary current
Analogue Output
Type
current
range
signal
I
PN (mA.t)
I
P (mA.t)
V
OUT (V)
10
16
0-10
DF 0.01 C10
20
38
0-10
DF 0.02 C10
50
80
0-10
DF 0.05 C10
100
160
0-10
DF 0.1 C10
300
480
0-10
DF 0.3 C10
500
800
0-10
DF 0.5 C10
Preliminary


Similar Part No. - DF-C10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF-C-PO(A) HIROSE-DF-C-PO(A) Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF-C-PO(A) HIROSE-DF-C-PO(A) Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF-C-PO(A) HIROSE-DF-C-PO(A) Datasheet
271Kb / 6P
0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
DF-C-PO(A) HIROSE-DF-C-PO(A) Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
535Kb / 14P
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF-C10

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
AC/DC Current transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
AC/DC Current transducer
DK-B5 LEM-DK-B5 Datasheet
281Kb / 2P
DC Current transducer
DK-B020 LEM-DK-B020 Datasheet
281Kb / 2P
DC Current transducer
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
DC Current Transducer
DCT-400A PREMO-DCT-400A Datasheet
391Kb / 4P
DC Current Transducer
DCT-700A PREMO-DCT-700A Datasheet
388Kb / 4P
DC Current Transducer
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR-100-C10 LEM-DHR-100-C10 Datasheet
643Kb / 4P
AC/DC Current Transducer DHR-C10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com