Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKB5-10 Datasheet(PDF) 2 Page - LEM

Part # DKB5-10
Description  DC Current transducer DK-B5/10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DKB5-10 Datasheet(HTML) 2 Page - LEM

  DKB5-10 Datasheet HTML 1Page - LEM DKB5-10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
DK-B5/10
(unit : mm, 1mm = 0.0394 inch)
Mechanical characteristics
Output
• General tolerance
± 1 mm
• Primary aperture
21.7 mm sq.
•Panel mounting
2 holes
∅ 4.5mm
Distance between holes
77.3 mm
Connections
• 2 x UNC8 Cylindric Head
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
2(+)
1(-)
Output
Range Jumper
3(-) 4(+)
Power
22-38 VAC
- Dead front captive screw terminals
- 12-22AWG solid or stranded
4.5
13
89.7
77.3
30
61
21.7
61
- IP
+ IP
output in %
100
22-26 VAC/DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com