Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ES2DF
Description  2A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2DF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ES2DF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2DF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2DF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2DF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.90
2.61
0.075
0.103
B
3.50
3.70
0.138
0.146
C
4.20
4.75
0.165
0.187
D
0.90
1.30
0.035
0.051
E
0.18
0.26
0.007
0.010
F
G
5.10
5.50
0.201
0.217
P/N
= Specific Device Code
G
= Green compound Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D0000114
Version: A15
MARKING DIAGRAM
SMBF
DIM.
Unit (mm)
Unit (inch)
ES2DF - ES2JF
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
1.00
0.039
0
10
20
30
40
50
60
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com