Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDBLS207G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RDBLS207G
Description  2A, 1000V Fast Recovery Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RDBLS207G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RDBLS207G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RDBLS207G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RDBLS207G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RDBLS207G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RDBLS207G
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
trr
ns
TJ
°C
TSTG
°C
Note 2: Reverse recovery time test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Document Number: DS_D0000152
Version: A15
Storage temperature range
- 55 to +150
IR
2
500
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Maximum instantaneous forward voltage (Note 1)
IF= 2 A
VF
V
μA
Operating junction temperature range
- 55 to +150
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
10.3
Note 1: Pulse test with PW=300μs,1% duty cycle
Typical thermal resistance
RθJL
RθJA
22
62
°C/W
A
PARAMETER
SYMBOL
1.15
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
50
Rating for fusing (t<8.3ms)
Maximum average forward rectified current
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Molded plastic body
Taiwan Semiconductor
2A, 1000V Fast Recovery Glass Passivated Bridge Rectifier
FEATURES
DBLS
Moisture sensitivity level: level 1, per J-STD-020
RDBLS207G
1000
700
1000
Maximum reverse recovery time (Note 2)
300
Polarity:
Polarity as marked on the body
Weight:
0.36 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)


Similar Part No. - RDBLS207G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RDB101 DYELEC-RDB101 Datasheet
1Mb / 2P
High current capability
RDB101 DYELEC-RDB101 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Thinki Semiconductor Co...
RDB101S THINKISEMI-RDB101S Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
logo
DIYI Electronic Technol...
RDB101S DYELEC-RDB101S Datasheet
1Mb / 2P
High surge current capability
RDB101S DYELEC-RDB101S Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RDBLS207G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-005G FRONTIER-SF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
ABS20M TSC-ABS20M Datasheet
212Kb / 4P
2A, 1000V Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
FR201G FRONTIER-FR201G Datasheet
1Mb / 2P
2A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
ABS20M-T TSC-ABS20M-T Datasheet
211Kb / 4P
2A, 1000V Glass Passivated Bridge Rectifier
RABS15M TSC-RABS15M Datasheet
210Kb / 4P
1.5A, 1000V Miniature Fast Recovery Glass Passivated Surface Bridge Rectifier
FR201G-T TSC-FR201G-T Datasheet
410Kb / 6P
2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
KBPF204G TSC-KBPF204G Datasheet
361Kb / 5P
2A, 400V - 1000V Glass Passivated Bridge Rectifier
RABS20M TSC-RABS20M Datasheet
382Kb / 5P
2A, 1000V Fast Recovery Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com