Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

749052011 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749052011
Description  Spezifikation fur Freigabe / specification for release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749052011 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749052011 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749052011 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749052011 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
LAN-Übertrager WE-LAN 10G
description :
LAN-Transformer WE-LAN 10G
DATUM / DATE : 2015-05-21
Designed für Applikationen bis 30W @57VDC
Designed to support applications up to 30W @57VDC
wenn zwei Kanäle bestromt
when using two channels
Designed für Applikationen bis 60W @57VDC
Designed to support applications up to 60W @57VDC
wenn alle vier Kanäle bestromt
when using four channels
I Schaltbild / Schematics :
Freigabe erteilt / general release:
..................................................................................
Datum / date
JLiu
2015-05-21
JLiu
2015-04-28
JaB
2015-02-13
...............................................
JLiu
2014-10-17
Geprüft / checked
Name
Datum / date
749052011
Revision 01
http://www.we-online.com
Spezifikation für Freigabe / specification for release
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
Kunde / customer
Revision 03
Änderung / modification
Unterschrift / signature
Revision 02
..................................................................................
Würth Elektronik eiSos GmbH & Co.KG
..................................................
Kontrolliert / approved
H PoE Eigenschaften :
H PoE Specifications :
Revision 00
2
TD1+
1
TCT1
3
TD1-
5
TD2+
4
TCT2
6
TD2-
8
TD3+
7
TCT3
9
TD3-
11
TD4+
10
TCT4
12
TD4-
14
15
13
MX4+
MCT4
MX4-
17
18
16
MX3+
MCT3
MX3-
20
21
19
MX2+
MCT2
MX2-
23
24
22
MX1+
MCT1
MX1-
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every
electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 2 VON 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com