Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1005S Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KBPC1005S
Description  SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBPC1005S Datasheet(HTML) 1 Page - Nanjing International Group Co

  KBPC1005S Datasheet HTML 1Page - Nanjing International Group Co KBPC1005S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 5.0AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
10
200
10
500
V
A
A
V
-65
+150
C
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
10.0 Ampere
Dimensions in inches and (millimeters)
* Surge Overload Ratings to 200 Amperes.
* Plastic Case With Heatsink For Heat Dissipation.
* The plastic package has Underwriters
* Laboratory Flammability Classification 94V-O
KBPC10005S THRU KBPC1010S
KBPC
10005S
KBPC
1006S
KBPC
1004S
KBPC
1002S
KBPC
1001S
KBPC
1008S
KBPC
1010S
A
u
A
u
1.130(28.7)
1.118(28.4)
.442(11.23)
.431(10.97)
.20(5.08)MIN
.142(3.60)
.120(3.06)
.047(1.2)
G L
.215(5.5)
.185(4.7)
UNITS


Similar Part No. - KBPC1005S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1005 SSE-KBPC1005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1005 CHENYI-KBPC1005 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC1005 DCCOM-KBPC1005 Datasheet
406Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC1005 LRC-KBPC1005 Datasheet
48Kb / 2P
3.0A BRIDGE RECTIFIERS
More results

Similar Description - KBPC1005S

ManufacturerPart #DatasheetDescription
logo
Bytes
BR1005 BYTES-BR1005 Datasheet
145Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR305 BYTES-BR305 Datasheet
145Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR1005 GWSEMI-BR1005 Datasheet
61Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR1005 DGNJDZ-BR1005 Datasheet
188Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR1005-BR1010 DGNJDZ-BR1005-BR1010 Datasheet
225Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com