Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5010 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KBPC5010
Description  SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBPC5010 Datasheet(HTML) 1 Page - Nanjing International Group Co

  KBPC5010 Datasheet HTML 1Page - Nanjing International Group Co KBPC5010 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 25.0 A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, Ta
Operating Temperature Range, Tc
KBPC50005 KBPC5001
KBPC5002
KBPC5004
KBPC5006
KBPC5008
KBPC5010
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
50
400
10
500
-55
+150
-55
+125
V
A
A
V
uA
uA
C
C
* 400 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* 1/4" universal faston terminal
KBPC50005 THRU KBPC5010
1.
1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
50.0 Ampere
KBPC-50
1.000(25.2)
.90(22.86)
.712
(18.1)
1.13(28.7)
1.12(28.4)
HOLE FOR
NO. 8 SCREW
.193"(4.9)diam
.442
(11.23)
.562
(14.3)
.652
(16.6)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC
.652
(16.6)
1.12(28.4)
1.13(28.7)
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - KBPC5010

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC5010 WTE-KBPC5010 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
logo
Dc Components
KBPC5010 DCCOM-KBPC5010 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBPC5010 EIC-KBPC5010 Datasheet
47Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC5010 WTE-KBPC5010 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC5010 JGD-KBPC5010 Datasheet
150Kb / 2P
HIGH CURRENT 15,25,35,50 AMPS . SINGLE PHASE BRIDGE RECTIFIERS
More results

Similar Description - KBPC5010

ManufacturerPart #DatasheetDescription
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR805 BYTES-BR805 Datasheet
145Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB5005 GWSEMI-MB5005 Datasheet
73Kb / 2P
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com