Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB100-P Datasheet(PDF) 2 Page - LEM

Part # HTB100-P
Description  Current Transducers HTB 50~400-P and HTB 50~100-TP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB100-P Datasheet(HTML) 2 Page - LEM

  HTB100-P Datasheet HTML 1Page - LEM HTB100-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTB 50 .. 400-P
Back view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
2-d2
10
19
4 3 2 1
14 MAX.
24.5
4-0.635x0.635
39
Positive Current Flow
3-P=2.5
5.5
3
Mounting Pins
3 2 1
14 MAX.
1.5
1.5
1.5
3.25
10
4
6.5
10.5
3-P=2.5
3 3
3
Positive Current Flow
4-0.635x0.635
6-1.5x1.5
39
Secondary Pin Identification
1 +Vc
2 -Vc
3 Output
4 0V
Secondary Pin Identification
1 +Vc
2 -Vc
3 Output
4 0V
HTB 50 .. 100-TP
Left view
Bottom view
Back view
Left view
Bottom view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com