Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB100-TP Datasheet(PDF) 1 Page - LEM

Part # HTB100-TP
Description  Current Transducers HTB 50~400-P and HTB 50~100-TP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB100-TP Datasheet(HTML) 1 Page - LEM

  HTB100-TP Datasheet HTML 1Page - LEM HTB100-TP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN (A)
I
P (A)
50
±150
HTB 50-P, HTB 50-TP1)
100
±300
HTB 100-P, HTB 100-TP1)
200
±500
HTB 200-P
300
±600
HTB 300-P
400
±600
HTB 400-P
V
C
Supply voltage (±5 %)2)
±12 .. ±15
V
I
C
Current consumption
<±15
mA
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
2.5
kV
R
IS
Isolation resistance @ 500 VDC
>500
M
Ω
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ, TA = 25°C
±4
V
R
OUT
Output internal resistance
100
Ω
R
L
Load resistance
≥10
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
<±1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
<±1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
<±30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 3 x I
PN
<±1
% of I
PN
V
OT
Thermal drift of V
OE
HTB 50-(T)P
<±2.0
mV/K
HTB 100-(T)P..400-P
<±1.0
mV/K
TC
εε
G
Thermal drift (% of reading)
<±0.1
%/K
t
r
Response time @ 90% of I
P
<3
µs
f
Frequency bandwidth (-3 dB)3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
-20 .. +80
°C
T
S
Ambient storage temperature
-25 .. +85
°C
m
Mass (-TP version)
<30 (<36)
g
2 pins of Ø2mm diameter are available on transducer
for PCB soldering.
I
PN = 50 .. 400 A
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolationvoltage2500V
• Low power consumption
• Wide power supply: ±12V to ±15V
• Primary bus bar option for 50A and
100A version for ease of connection
Advantages
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
LEM Components
www.lem.com
030529/7
Current Transducers HTB 50 .. 400-P
and HTB 50 .. 100-TP
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Notes :
EN 50178 approval pending
1) -TP version is equipped with a primary bus bar.
2) Operating at ±12V
≤ Vc < ±15V will reduce measuring range.
3) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - HTB100-TP

ManufacturerPart #DatasheetDescription
logo
LEM
HTB100-TP LEM-HTB100-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-TP LEM-HTB100-TP Datasheet
652Kb / 2P
Current Transducers
HTB100-TP LEM-HTB100-TP Datasheet
551Kb / 3P
Current Transducer
HTB100-TP/SP5 LEM-HTB100-TP/SP5 Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
HTB100-TP1 LEM-HTB100-TP1 Datasheet
687Kb / 2P
Current Transducers
More results

Similar Description - HTB100-TP

ManufacturerPart #DatasheetDescription
logo
LEM
CT50-T LEM-CT50-T Datasheet
55Kb / 2P
Current Transducers CT 50-T
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
Current Transducer HTY 50~100-P
HY50P LEM-HY50P Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
logo
List of Unclassifed Man...
HTB-X2I ETC1-HTB-X2I Datasheet
89Kb / 2P
HTB Panel Mount Series
logo
Cooper Bussmann, Inc.
BK-HTB-32M-R COOPER-BK-HTB-32M-R Datasheet
358Kb / 3P
HTB Panel Mount Series
logo
LEM
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com