Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTY50-P Datasheet(PDF) 2 Page - LEM

Part # HTY50-P
Description  Current Transducer HTY 50~100-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTY50-P Datasheet(HTML) 2 Page - LEM

  HTY50-P Datasheet HTML 1Page - LEM HTY50-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTY 50 ...100-P
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Direction of Current Flow
24 +/-1
d11
3-P2.5
1
2
3
4
20 +/-1
4-0.5*0.25
4-d1 (Mounting Post)
Terminal Pin Identification
3
+Vcc
1 -Vcc
4
Output
2
0V
UNIT : mm
SCALE : 2/1
Front View
Right View
Bottom View



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com