Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L030 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L030
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L030 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12L030 Datasheet HTML 17Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 18Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 19Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L030 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Timing Diagrams (Continued)
Tables
TABLE 1. Data Out Formats
DO Formats
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
with
Sign
17
X
X
X
X
Sign
MSB
10
9
8
7
654321
LSB
Bits
MSB
13
Sign
MSB
10
9
8
7
6
5432
1
LSB
First
Bits
9
Sign
MSB
6
5
4
3
2
1
LSB
Bits
17
LSB
1
2
3
4
5
6
7
8
9
10
MSB
Sign
XXXX
Bits
LSB
13
LSB
1
2
3
4
5
6
7
8
9
10
MSB
Sign
First
Bits
9
LSB
1
2
3
4
5
6
MSB
Sign
Bits
DS011830-35
*Tantalum
**Monolithic Ceramic or better
FIGURE 6. Recommended Power Supply Bypassing and Grounding
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com