Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B006-VU4-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B006-VU4-R
Description  4-Port Desktop KVM Switch (USB)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B006-VU4-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B006-VU4-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B006-VU4-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B006-VU4-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-Port Desktop KVM Switch (USB)
MODEL NUMBER: B006-VU4-R
Description
Tripp Lite's 4-port Desktop USB KVM Switch is the optimal solution for controlling up to 4 USB computers from
one VGA monitor and USB keyboard/mouse. Manually switch between connected computers using pushbuttons
or hotkey controls; or, monitor connected computers automatically via Auto Scan Mode. The B006-VU4-R is
operating system independent, and works with all computers that have an available VGA and USB port. It
supports video resolutions up to 2048 x 1536, and features a compact design that does not require software or
complicated set-up procedures. Constructed of heavy-duty steel housing. Order P758 Cables separately.
Features
Control up to 4 USB computers from a single VGA monitor and USB keyboard/mouse
Order P758 Cables separately
Port LEDs illuminate Light Orange to indicate a computer is connected, and Bright Orange to indicate it is the selected port
Supports video resolutions up to 2048 x 1536, DDC2B
No software or complicated set-up procedures required
Manually switch between connected computers via front panel pushbuttons or hotkey commands
Automatically monitor connected computers via Auto Scan Mode
Compatible with all major operating systems
Compatibile with most mice; including scroll mice
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
Users
1
AC Adapter
Input: 100-240V, 50/60Hz, 0.5A / Output: 5.3V, 190mA
Highlights
Control up to 4 USB computers
from a single VGA monitor and
USB keyboard/mouse
Switch between connected
computers via pushbuttons or
hotkey commands
Auto Scan Mode allows
monitoring of connected
computers without manually
switching between them
Compatible with all major
operating systems
Supports video resolutions up to
2048 x 1536, DDC2B
Package Includes
B006-VU4-R 4-port USB KVM
Switch
External Power Supply with
NEMA 1-15P Plug (Input:
100-240V, 50/60Hz, 0.5A /
Output: 5.3V, 190mA)
Owner's manual
1 / 3


Similar Part No. - B006-VU4-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B006-VU4-1 TRIPPLITE-B006-VU4-1 Datasheet
39Kb / 4P
4-Port VGA KVM Switch for USB or PS/2 Keyboard/Mouse
More results

Similar Description - B006-VU4-R

ManufacturerPart #DatasheetDescription
logo
Level One
KVM-0407 LVL1-KVM-0407 Datasheet
145Kb / 2P
4-Port USB KVM Switch
logo
List of Unclassifed Man...
B022-002-KT-R ETC2-B022-002-KT-R Datasheet
484Kb / 4P
2-Port Desktop KVM Switch w/ 2 KVM Cable Kits
B022-004-R ETC2-B022-004-R Datasheet
491Kb / 3P
4-Port Desktop KVM Switch
logo
Tripp Lite. All Rights ...
B006VU4R TRIPPLITE-B006VU4R Datasheet
482Kb / 2P
4-Port Desktop KVM Switch (USB)
B022002KTR TRIPPLITE-B022002KTR Datasheet
476Kb / 2P
2-Port Desktop KVM Switch w- 2 KVM Cable Kits (PS2)
B022004R TRIPPLITE-B022004R Datasheet
488Kb / 2P
4-Port Desktop KVM Switch
logo
Level One
KVM-0222 LVL1-KVM-0222 Datasheet
929Kb / 2P
2-Port USB KVM Switch
KVM-0421 LVL1-KVM-0421 Datasheet
898Kb / 2P
4-Port USB KVM Switch w/ Audio
logo
Tripp Lite. All Rights ...
B022-004-R TRIPPLITE-B022-004-R Datasheet
159Kb / 2P
4-Port Desktop KVM Switch
logo
ASIX Electronics Corpor...
AX6800X ASIX-AX6800X Datasheet
2Mb / 57P
2/4-Port USB KVM Switch SoC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com