Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX03-P/SP2 Datasheet(PDF) 2 Page - LEM

Part # HX03-P/SP2
Description  Current Transducer HX 03~50-P/SP2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HX03-P/SP2 Datasheet(HTML) 2 Page - LEM

  HX03-P/SP2 Datasheet HTML 1Page - LEM HX03-P/SP2 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HX 03 .. 50-P/SP2 (in mm)
Specifications subject to change without notice.
3
19 Max.
1
2
3
4
+V
OUT
6
5
Terminal Pin Identification
1.....0V
2.....0V
3.....+12V to +15V
4.....Output
5.....Primary input Current(+)
6.....Primary input Current(-)
8.8
5.4
-V or 0
0
HX 50-P/SP2
3
8.8
5.4
1.2
3
19 Max.
1
2
3
4
+V
OUT
5
-V or 0
0
3
10.85
d
10.85
6
HX
d
03-P/ 05-P/ 10-P/ 15-P/ 20-P/ 25-P/ 50-P/
0.6
0.8
1.1
1.4
1.6
1.6
1.2x6.3
Primary conductor diameter
Secondary pins dimension
0.5x0.25
Top view
Lot No.
HX 05-P/
41123
HX 03...25-P/SP2
/ dimension
SP2
SP2 SP2
SP2 SP2
SP2
SP2 SP2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com