Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX05-P/SP2 Datasheet(PDF) 1 Page - LEM

Part # HX05-P/SP2
Description  Current Transducer HX 03~50-P/SP2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HX05-P/SP2 Datasheet(HTML) 1 Page - LEM

  HX05-P/SP2 Datasheet HTML 1Page - LEM HX05-P/SP2 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Primary Conductor
Type
r.m.s. current
measuring range
Diameter x Turns
I
PN
(A)
I
P
(A)1)
(mm)
3
± 9
0.6d x 20T
HX 03-P/SP2
5
± 15
0.8d x 12T
HX 05-P/SP2
10
± 30
1.1d x 6T
HX 10-P/SP2
15
± 45
1.4d x 4T
HX 15-P/SP2
20
± 60
1.6d x 3T
HX 20-P/SP2
25
± 75
1.6d x 2T
HX 25-P/SP2
50
± 150
1.2 x 6.3 x 1T
HX 50-P/SP2
V
OUT
Output voltage @ ± I
PN, RL = 2 kΩ, TA = 25°C
V
OE ±0.625
V
R
OUT
Output impedance
< 50
Ω
R
L
Load resistance
≥ 2
k
Ω
V
C
Supply voltage (± 5 %)
+12 .. +15
V
I
C
Current consumption
< 15
mA
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn > 3
kV
V
e
R.m.s. voltage for partial discharge extinction
at 10pC
≥ 1
kV
Impulse withstand voltage, 1.2/50µs
≥ 6
kV
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
+2.5V±50
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 3 x I
PN
< ± 10
mV
V
OT
Thermal drift of V
OE
max. ± 1.5
mV/K
TC
εε
G
Thermal drift of the gain (% of reading)
± 0.1
%/K
t
r
Response time @ 90% of I
P
≤ 3
µs
f
Frequency bandwidth (-3 dB) 2)
50
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass
8
g
Min. internal creepage distance/clearance
≥ 5.5
mm
Isolation material group
I
Standards
EN50178
Current Transducer HX 03 .. 50-P/SP2
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
=
3 .. 50 A
Notes : 1) With R
L=2kΩ
2) Small signal only to avoid excessive heating of the magnetic core
030806/3
Features
• Galvanicisolationbetweenprimary
and secondary circuit
• Halleffectmeasuringprinciple
• Isolationvoltage 3000V
• Low power consumption
• Extended measuring range(3xI
PN)
• Single supply from +12V to +15V
• MaterialaccordingtoUL94-V0
Advantages
• Low insertion losses
• Easy to mount with automatic
handling system
• Small size and space saving
• Only one design for wide current
ratings range
• Highimmunitytoexternal
interference.
Applications
• SwitchedModePowerSupplies
(SMPS)
• ACvariablespeeddrives
• UninterruptiblePowerSupplies
(UPS)
• Electricalappliances
• Batterysuppliedapplications
• DC motor drives
LEM Components
www.lem.com


Similar Part No. - HX05-P/SP2

ManufacturerPart #DatasheetDescription
logo
LEM
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
Current Transducer HX 03~50-P
HX05-P LEM-HX05-P Datasheet
660Kb / 2P
Current Transducer
HX05-P LEM-HX05-P Datasheet
660Kb / 2P
Current Transducer
HX05-P LEM-HX05-P Datasheet
432Kb / 3P
Current Transducer
More results

Similar Description - HX05-P/SP2

ManufacturerPart #DatasheetDescription
logo
LEM
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
Current Transducer HTY 50~100-P
HX03-P LEM-HX03-P Datasheet
62Kb / 2P
Current Transducer HX 03~50-P
HX05-NP LEM-HX05-NP Datasheet
149Kb / 2P
Current Transducer HX 05~10-NP
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
Current Transducer HY 50-P
LA03-PB LEM-LA03-PB Datasheet
24Kb / 2P
Current Transducer LA 03~20-PB
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
Current Transducer LAH 50-P
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
HX-03-P LEM-HX-03-P Datasheet
432Kb / 3P
Current Transducer HX 03..50-P
HX-05-P LEM-HX-05-P Datasheet
432Kb / 3P
Current Transducer HX 03..50-P
HX-20-P LEM-HX-20-P Datasheet
432Kb / 3P
Current Transducer HX 03..50-P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com