Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9A1A0N Datasheet(PDF) 10 Page - SPANSION

Part # MB9A1A0N
Description  This document states the current technical specifications regarding
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9A1A0N Datasheet(HTML) 10 Page - SPANSION

Back Button MB9A1A0N Datasheet HTML 6Page - SPANSION MB9A1A0N Datasheet HTML 7Page - SPANSION MB9A1A0N Datasheet HTML 8Page - SPANSION MB9A1A0N Datasheet HTML 9Page - SPANSION MB9A1A0N Datasheet HTML 10Page - SPANSION MB9A1A0N Datasheet HTML 11Page - SPANSION MB9A1A0N Datasheet HTML 12Page - SPANSION MB9A1A0N Datasheet HTML 13Page - SPANSION MB9A1A0N Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
D a t a S h e e t
June 30, 2015, MB9A1A0N_DS706-00068-2v0-E
7
CONFIDENTIAL
 Packages
Product name
Package
MB9AF1A1L
MB9AF1A2L
MB9AF1A1M
MB9AF1A2M
MB9AF1A1N
MB9AF1A2N
LQFP: FPT-64P-M38 (0.5mm pitch)
-
-
LQFP: FPT-64P-M39 (0.65mm pitch)
-
-
LQFP: FPT-80P-M37 (0.5mm pitch)
-
-
LQFP: FPT-80P-M40 (0.65mm pitch)
-
-
LQFP: FPT-100P-M23 (0.5mm pitch)
-
-
QFP: FPT-100P-M06 (0.65mm pitch)
-
-

: Supported
Note : See Package Dimensions for detailed information on each package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com