Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B110R Datasheet(PDF) 39 Page - SPANSION

Part # MB9B110R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110R Datasheet(HTML) 39 Page - SPANSION

Back Button MB9B110R Datasheet HTML 35Page - SPANSION MB9B110R Datasheet HTML 36Page - SPANSION MB9B110R Datasheet HTML 37Page - SPANSION MB9B110R Datasheet HTML 38Page - SPANSION MB9B110R Datasheet HTML 39Page - SPANSION MB9B110R Datasheet HTML 40Page - SPANSION MB9B110R Datasheet HTML 41Page - SPANSION MB9B110R Datasheet HTML 42Page - SPANSION MB9B110R Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
D a t a S h e e t
36
MB9B110R-DS706-00028-3v0-E, March 11, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
GPIO
P60
General-purpose I/O port 6
96
C4
116
74
P61
95
B4
115
73
P62
94
C5
114
72
P63
93
D6
113
71
P64
-
-
112
-
P65
-
-
111
-
P66
-
-
110
-
P67
-
-
109
-
P68
-
-
108
-
P70
General-purpose I/O port 7
-
-
51
-
P71
-
-
52
-
P72
-
-
53
-
P73
-
-
54
-
P74
-
-
55
-
P80
General-purpose I/O port 8
98
A3
118
76
P81
99
A2
119
77
PE0
General-purpose I/O port E
46
K9
56
24
PE2
48
L9
58
26
PE3
49
L10
59
27
Multi-
function
Serial
0
SIN0_0
Multi-function serial interface ch.0 input pin
73
C11
88
51
SIN0_1
56
H9
66
34
SOT0_0
(SDA0_0)
Multi-function serial interface ch.0 output
pin.
This pin operates as SOT0 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA0 when it is used in an I
2C
(operation mode 4).
72
E8
87
50
SOT0_1
(SDA0_1)
57
H7
67
35
SCK0_0
(SCL0_0)
Multi-function serial interface ch.0 clock I/O
pin.
This pin operates as SCK0 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SCL0 when it is used in an I
2C
(operation mode 4).
71
D10
86
49
SCK0_1
(SCL0_1)
58
G10
68
36
Multi-
function
Serial
1
SIN1_0
Multi-function serial interface ch.1 input pin
-
-
8
-
SIN1_1
53
J10
63
31
SOT1_0
(SDA1_0)
Multi-function serial interface ch.1 output
pin.
This pin operates as SOT1 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA1 when it is used in an I
2C
(operation mode 4).
-
-
9
-
SOT1_1
(SDA1_1)
54
J8
64
32
SCK1_0
(SCL1_0)
Multi-function serial interface ch.1 clock I/O
pin.
This pin operates as SCK1 when it is used in
a CSIO (operation modes 4) and as SCL1
when it is used in an I
2C (operation mode 4).
-
-
10
-
SCK1_1
(SCL1_1)
55
H10
65
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com