Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12H034 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12H034 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC12H034 Datasheet HTML 12Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 13Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 14Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 15Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 16Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 17Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 18Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 19Page - National Semiconductor (TI) ADC12H034 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Typical Dynamic Performance Characteristics The following curves apply for 12-bit + sign
mode after auto-calibration unless otherwise specified. (Continued)
Unipolar Spectral Response
with 50 kHz Sine Wave Input
01135483
Test Circuits
DO “TRI-STATE” (t
1H,tOH)
DO except “TRI-STATE”
01135403
01135404
Leakage Current
01135405
Timing Diagrams
DO Falling and Rising Edge
DO “TRI-STATE” Falling and Rising Edge
01135418
01135419
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com