Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577 Datasheet(PDF) 1 Page - SPANSION

Part # MB91F577
Description  This sheet shows a change trace of description in datasheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F577 Datasheet(HTML) 1 Page - SPANSION

  MB91F577 Datasheet HTML 1Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MB91570 series
32bit Microcontorller
Datasheet
Supplementary Information
Publication Number MB91F577_DS705-00009-3v0-E-SI
Revision 1
Issue Date June 19, 2015
Summary
Error
Page
Error
Correct
Page
Correct
ID
Rev. 1.0 June 19, 2015
I/O circuit type
26-27
139-143:H
26-27
139-143:H/I4*1
#92
+B port definition
102
*8: -Corresponding pins: all general-purpose ports. (For
MB91F575/7, except P010 to P017, P020 to P027,
P030 to P037, P040 to P047, P050 to P053,
P90/ADTG/PPG0_2)
102
*8: -Corresponding pins: all general-purpose ports except P010 to P017, P020 to P027,
P030 to P037, P040 to P047, P050 to P053, P90/ADTG/PPG0_2
#87
Update the power supply current
for Icc5 (MAX)
109
Icc5:At normal operation Operating frequency
FCP=80MHz,Fcpp=40MHz:-(Min), 60(Typ), 115(Max):mA:*5
Icc5:FLASH write Operating frequency FCP=80MHz,
Fcpp=40MHz:-(Min), 75(Typ), 130(Max):mA:*3, *4
Icc5:FLASH erase Operating frequency
FCP=80MHz,Fcpp=40MHz:-(Min), 75(Typ), 130(Max):mA:*5
109
Icc5:At normal operation Operating frequency FCP=80MHz,Fcpp=40MHz:-(Min), 60(Typ),
125(Max):mA:*5
Icc5:FLASH write Operating frequency FCP=80MHz, Fcpp=40MHz:-(Min), 75(Typ),
140(Max):mA:*3, *4
Icc5:FLASH erase Operating frequency FCP=80MHz,Fcpp=40MHz:-(Min), 75(Typ),
140(Max):mA:*3, *5
#388
Annotation for power supply
current table
110
*5: MB91F578/9 have been designed to fulfill those target values
shown in the table, and engineering samples of
the product are under evaluation.
110
*5: MB91F578/9
#394
I2C timing
126
Hish Speed Mode*3
0.9*3
250
126
Hish Speed Mode
0.9
250*3
#40
Original document code: DS705-00009-3v0-E, Previous document code: DS705-00009-2v2-E
Note: This sheet shows a change trace of description in datasheet. All the changes between previous and current document edition are described in this sheet.
Following "ID" is a number which is owned by every change. A change which is applied to other documents of same family should have a same ID.


Similar Part No. - MB91F577

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91F577B CYPRESS-MB91F577B Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F577BH CYPRESS-MB91F577BH Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F577BHPMC CYPRESS-MB91F577BHPMC Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F577BHSPMC CYPRESS-MB91F577BHSPMC Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F577BHSPMC1 CYPRESS-MB91F577BHSPMC1 Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
More results

Similar Description - MB91F577

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
The technical content of this TAOS datasheet is still valid
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
The technical content of this TAOS datasheet is still valid.
logo
STMicroelectronics
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
a brief description of the TS2012 device
28-Aug-2009
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
The purpose of this application note is to give a brief description
06-Sep-2012
UM0290 STMICROELECTRONICS-UM0290 Datasheet
879Kb / 76P
This document presents a description
13-Nov-2008
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
This document provides a detailed description
21-May-2015
logo
Silicon Laboratories
1107272 SILABS-1107272 Datasheet
93Kb / 2P
Description of Change: Silicon Labs is pleased to announce rev 1.1 Datasheet
logo
Maxim Integrated Produc...
DS3644 MAXIM-DS3644 Datasheet
24Kb / 4P
A description of this device can be found in the product data sheet
3/29/2010
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com