Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F527M Datasheet(PDF) 6 Page - SPANSION

Part # MB91F527M
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F527M Datasheet(HTML) 6 Page - SPANSION

Back Button MB91F527M Datasheet HTML 2Page - SPANSION MB91F527M Datasheet HTML 3Page - SPANSION MB91F527M Datasheet HTML 4Page - SPANSION MB91F527M Datasheet HTML 5Page - SPANSION MB91F527M Datasheet HTML 6Page - SPANSION MB91F527M Datasheet HTML 7Page - SPANSION MB91F527M Datasheet HTML 8Page - SPANSION MB91F527M Datasheet HTML 9Page - SPANSION MB91F527M Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
3
CONFIDENTIAL
 Built-in RAM capacity
 Main RAM
MB91F527 : 192KB
MB91F528 : 192KB + 128KB (128KB located in the AHB area, a penalty given at access)
 Backup RAM 16KB
 General-purpose ports :
MB91F527R/MB91F528R :
115 (none sub oscillation), 113 (with sub oscillation)
MB91F527U/MB91F528U :
147 (none sub oscillation), 145 (with sub oscillation)
MB91F527M/MB91F528M :
177 (none sub oscillation), 175 (with sub oscillation)
MB91F527Y/MB91F528Y
219 (none sub oscillation), 217 (with sub oscillation)
Included I
2C pseudo open drain ports : Max. 30
 External bus interface
 22-bit address, 8/16-bit data
 DMA Controller
 Up to 16 channels can be started simultaneously.
 2 transfer factors (Internal peripheral request and software)
 A/D converter (successive approximation type)
 12-bit resolution : Max. 64 channels (32 channels +32 channels)
 Conversion time : 1μs
 D/A converter (R-2R type)
 8-bit resolution : 2 channels
 External interrupt input: Max. 24 channels
 Level ("H" / "L"), or edge detection (rising or falling) supported
 Multi-function serial communication (built-in transmission/reception FIFO memory) : Max. 20 channels
5V tolerant input 8 channels (ch.6, ch.8, ch.9, ch.11, ch.16 to ch.19) CMOS hysteresis input
< UART (Asynchronous serial interface) >
 Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
 Parity or no parity is selectable.
 Built-in dedicated baud rate generator
 The external clock can be used as the transfer clock
 Parity, frame, and overrun error detect functions provided
 DMA transfer support
<CSIO (Synchronous serial interface) >
 Full-duplex double buffering system, 64-byte transmission FIFO, memory, 64-byte reception FIFO
memory
 SPI supported; master and slave systems supported; 5-bit to 16-bit, 20-bit, 24-bit, 32-bit data length
can be set.
 Built-in dedicated baud rate generator (Master operation)
 The external clock can be entered. (Slave operation)
 Overrun error detection function is provided
 DMA transfer support
 Serial chip select SPI function
<LIN (Asynchronous Serial Interface for LIN) >
 Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
 LIN protocol revision 2.1 supported
 Master and slave systems supported
 Framing error and overrun error detection
 LIN synch break generation and detection; LIN synch delimiter generation
 Built-in dedicated baud rate generator
 The external clock can be adjusted by the reload counter
 DMA transfer support
 Hardware assist function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com