Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528M Datasheet(PDF) 57 Page - SPANSION

Part # MB91F528M
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528M Datasheet(HTML) 57 Page - SPANSION

Back Button MB91F528M Datasheet HTML 53Page - SPANSION MB91F528M Datasheet HTML 54Page - SPANSION MB91F528M Datasheet HTML 55Page - SPANSION MB91F528M Datasheet HTML 56Page - SPANSION MB91F528M Datasheet HTML 57Page - SPANSION MB91F528M Datasheet HTML 58Page - SPANSION MB91F528M Datasheet HTML 59Page - SPANSION MB91F528M Datasheet HTML 60Page - SPANSION MB91F528M Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 241 page
background image
D a t a S h e e t
54
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 Low-power consumption mode
To transit to the sleep mode, watch mode, stop mode, watch mode(power-off) or stop mode(power-off),
follow the procedure explained in "Activating the sleep mode, watch mode, or stop mode" or "Activating
the watch mode (power-off) or stop mode(power-off)" of " POWER CONSUMPTION CONTROL" in the
hardware manual.
Take the following notes when using a monitor debugger.
· Do not set a break point for the low-power consumption transition program.
· Do not execute an operation step for the low-power consumption transition program.
 Notes When Writing Data in a Register Having the Status Flag
When writing data in the register that has a status flag (especially, an interrupt request flag) to control
function, taking care not to clear its status flag erroneously must be followed.
The program must be written not to clear the flag to the status bit, and then to set the control bits to have the
desired value.
Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can
access to a single bit only.) By the Byte, Half-word, or Word access, data is written to the control bits and
status flag simultaneously. During this time, take care not to clear other bits (in this case, the bits of status
flag) erroneously.
Note: These points can be ignored because the bit instructions are already taken the points into consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com