Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528Y Datasheet(PDF) 24 Page - SPANSION

Part # MB91F528Y
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528Y Datasheet(HTML) 24 Page - SPANSION

Back Button MB91F528Y Datasheet HTML 20Page - SPANSION MB91F528Y Datasheet HTML 21Page - SPANSION MB91F528Y Datasheet HTML 22Page - SPANSION MB91F528Y Datasheet HTML 23Page - SPANSION MB91F528Y Datasheet HTML 24Page - SPANSION MB91F528Y Datasheet HTML 25Page - SPANSION MB91F528Y Datasheet HTML 26Page - SPANSION MB91F528Y Datasheet HTML 27Page - SPANSION MB91F528Y Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
21
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
15
19
19
K2
P032
-
A
General-purpose I/O port
A04
-
External Bus address bit4 output pin
SCS43_1
-
Serial chip select 43 output pin(1)
PPG30_0
-
PPG ch.30 output pin(0)
TOT3_0
-
Reload timer ch.3 output pin(0)
RTO2_1
-
Waveform generator ch.2 output pin(1)
-
-
20
L3
P200
-
Q
General-purpose I/O port
SCK12_0/SCL12
-
Multi-function serial ch.12 clock I/O pin(0)/
I
2C bus serial clock I/O pin
AN63
-
ADC analog 63 input pin
TRG12_0
-
PPG trigger 12 input pin(0)
-
-
21
L4
P201
-
Q
General-purpose I/O port
SOT12_0/SDA12
-
Multi-function serial ch.12 serial data output
pin(0)/I
2C bus serial data I/O pin
AN62
-
ADC analog 62 input pin
TRG13_0
-
PPG trigger 13 input pin(0)
-
-
22
M3
P202
-
G
General-purpose I/O port
SIN12_0
-
Multi-function serial ch.12 serial data input
pin(0)
AN61
-
ADC analog 61 input pin
INT16_0
-
INT16 external interrupt input pin(0)
-
-
23
M4
P203
-
B
General-purpose I/O port
SCS12_0
-
Serial chip select 12 I/O pin(0)
AN60
-
ADC analog 60 input pin
16
20
24
L1
P033
-
A
General-purpose I/O port
A05
-
External Bus address bit5 output pin
PPG31_0
-
PPG ch.31 output pin(0)
ICU3_3
-
Input capture ch.3 input pin(3)
TIN4_0
-
Reload timer ch.4 event input pin(0)
RTO1_1
-
Waveform generator ch.1 output pin(1)
SCK3_2
-
Multi-function serial ch.3 clock I/O pin(2)
17
21
25
L2
P034
-
A
General-purpose I/O port
A06
-
External Bus address bit6 output pin
OCU11_1
-
Output compare ch.11 output pin(1)
ICU2_3
-
Input capture ch.2 input pin(3)
TIN5_0
-
Reload timer ch.5 event input pin(0)
RTO0_1
-
Waveform generator ch.0 output pin(1)
SOT3_2
-
Multi-function serial ch.3 serial data output
pin(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com