Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585LC Datasheet(PDF) 41 Page - SPANSION

Part # MB91F585LC
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F585LC Datasheet(HTML) 41 Page - SPANSION

Back Button MB91F585LC Datasheet HTML 37Page - SPANSION MB91F585LC Datasheet HTML 38Page - SPANSION MB91F585LC Datasheet HTML 39Page - SPANSION MB91F585LC Datasheet HTML 40Page - SPANSION MB91F585LC Datasheet HTML 41Page - SPANSION MB91F585LC Datasheet HTML 42Page - SPANSION MB91F585LC Datasheet HTML 43Page - SPANSION MB91F585LC Datasheet HTML 44Page - SPANSION MB91F585LC Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 177 page
background image
D at aS h ee t
38
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
•
MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD
Fro m Ma s te r
To S la ve
Fro m Ma s te r
To S la ve
M D0,M D1,P127
SOT0-4, SIN0-4,
DTTI0-1,RTO0-11
IN0-7
A DTG0-2,A N0-23
NMIX
MONCLK
RX0-2,
TX0-2
External bus pin
D16-31
, A 00-21 ,
A SX, CS0-3,
RDX,
W R0X,W R1X,
SY SCLK
A IN0-1, BIN0-1,
Z IN0-1
XBS Crossbar Switch
FR81s CPU core
Instructio n
On-chip bus Layer 2
External bus
I / F
Peripheral bus bridge
FlexRay clock control
CR oscillation (trimming)
NMI
16
32
Wild register
D ebug Interface
Regulator
Delay interrupt
Interrupt controller
Regulator control
M P U
Clock Supervisor
Bus
performance
counter
BackUp
RAM
Shutdown control
External interrupt input (8ch)
Watchdog timer (SW and HW)
PPG (24ch)
Interrupt request batch read
Generation/clear of DMA transfer request
Clock Monitor
DMAC
RAMECC
/
Operating
mode register
CR oscillator
CAN prescaler
Flash
RA M
D ata
Clock control
(clock setting, main timer, PLL timer)
Bus bridge
(32-bit
16-bit)
CRC
Waveform generator (12ch)
Output compare (12ch)
A/D converter
Free-run timer (6ch)
Input capture (8ch)
D/A converter
Multi-function serial interface (5ch)
Asynchronous bus bridge
(PCLK1
PCLK2)
INT0-7
Input cut-off
inhibiting signal
MM
DAOUT
FRCK0-5
SCK0-4,
SCS1-3,SCS3_1,
SCS40-43,
SCS40_1-SCS43_1
Clock control register
(frequency dividing setting)
Reset control register
Low-power consumption setting register
RSTX
Asynchronous bus bridge
(PCLK1
PCLK2)
Diagnosis
Bus bridge
FlexRay (1unit)
CAN (3ch)
Bus diagnosis register
Flash control register
RAMECC/Diagnosis
(XBS-RAM)
RXDA-B,TXDA-B,
TXENA-B,STOPWT
I/O port setting
Base timer (2ch)
Reload timer (4ch)
U/D counter (2ch)
TIOA0-1, TIOB0-1
TIN0-3, TOT0-3
TRG0-5, PPG0-23
WDT1 calibration
Main Flash/WorkFlash
On-chip bus Layer 1
Power-on reset
Low-voltage detection (internal
power supply low-voltage detection)
Low-voltage detection (external
power supply low-voltage detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com