Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LA Datasheet(PDF) 19 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 19 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 15Page - SPANSION MB91F587LA Datasheet HTML 16Page - SPANSION MB91F587LA Datasheet HTML 17Page - SPANSION MB91F587LA Datasheet HTML 18Page - SPANSION MB91F587LA Datasheet HTML 19Page - SPANSION MB91F587LA Datasheet HTML 20Page - SPANSION MB91F587LA Datasheet HTML 21Page - SPANSION MB91F587LA Datasheet HTML 22Page - SPANSION MB91F587LA Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 177 page
background image
D at aS h ee t
16
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Pin No.
Pin name
I/O circuit
type*
Function
124
P131
D
General-purpose I/O port
ADTG0
A/D converter ch.0 to ch.7 external trigger input pin
125
P132
D
General-purpose I/O port
ADTG1
A/D converter ch.8 to ch.15 external trigger input pin
SCS1
Multi-function serial ch.1 serial chip select I/O pin
126
P133
D
General-purpose I/O port
ADTG2
A/D converter ch.16 to ch.23 external trigger input pin
TX2
CAN transmission data 2 output pin
127
P134
E
General-purpose I/O port
STOPWT
FlexRay Stopwatch input pin
RX2
CAN reception data 2 input pin
INT7
INT7 external interrupt input pin
IN7
16-bit input capture ch.7 external pulse input pin
110
DEBUGIF
L
DEBUG I/F pin
121
P136
D
General-purpose I/O port
DTTI0
Waveform generator output stop signal input pin 0
MONCLK
Clock monitor output pin
122
P137
D
General-purpose I/O port
DTTI1
Waveform generator output stop signal input pin 1
40
AVCC0
-
R/D converter power supply
84
AVCC3
-
A/D converter analog power supply
42
AVRH0
-
R/D converter upper limit reference voltage power supply
52
AVRH1
-
A/D converter upper limit reference voltage
62
AVRH2
-
A/D converter upper limit reference voltage
83
AVRH3
-
A/D converter upper limit reference voltage
43
AVSS0
-
R/D converter GND
AVRL0
R/D converter lower limit reference voltage
53
AVSS1
-
A/D converter GND
AVRL1
A/D converter lower limit reference voltage
63
AVSS2
-
A/D converter GND
AVRL2
A/D converter lower limit reference voltage
82
AVSS3
-
A/D converter GND
AVRL3
A/D converter lower limit reference voltage
130
C
-
External capacity connection output
18, 36,
93, 72,
109, 128,
144
VCC5
-
+5.0V power supply
1, 19, 37,
73, 94,
108, 120,
129
VSS
-
GND
*: For the I/O circuit types, see "■ I/O circuit type".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com