Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 38 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 38 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 34Page - SPANSION MB91F587LB Datasheet HTML 35Page - SPANSION MB91F587LB Datasheet HTML 36Page - SPANSION MB91F587LB Datasheet HTML 37Page - SPANSION MB91F587LB Datasheet HTML 38Page - SPANSION MB91F587LB Datasheet HTML 39Page - SPANSION MB91F587LB Datasheet HTML 40Page - SPANSION MB91F587LB Datasheet HTML 41Page - SPANSION MB91F587LB Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
35
CONFIDENTIAL
•
Crystal oscillation circuit
An external noise to the X0 or X1 pin may cause a device malfunction. The printed circuit board must be
designed to lay out X0 and X1 pins, crystal oscillator (or ceramic resonator), and the bypass capacitor to be
grounded to the close position to the device.
The printed circuit board artwork is recommended to surround the X0 and X1 pins by ground circuits.
•
Mode pin (MD[1:0])
Connect the MD[1:0] mode pin to the VCC or VSS pin directly. To prevent an erroneous selection of test
mode caused by the noise, reduce the pattern length between each mode pin and VCC or VSS pin on the
printed circuit board. Also, use the low-impedance pin connection.
•
During power-on
To prevent a malfunction of the voltage step-down circuit built in the device, set the voltage rising time to
have 50µs or longer (between 0.2V and 2.7V) during power-on.
•
Notes during PLL clock operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock
may continue to operate at the free running frequency of the self oscillator circuit built in the PLL. This
operation is not guaranteed.
•
Treatment of R/D converter* and A/D converter power supply pins
Connect the pins to have AVCC0 = AVCC3 = AVRH0 = AVRH1=AVRH2=AVRH3=VCC and
AVSS0/AVRL0=AVSS1/AVRL1=AVSS2/AVRL2=AVSS3/AVRL3=VSS even if the R/D converter* and
the A/D converter are not used.
•
Note on using external clock
The external clock is unsupported.
External direct clock input cannot use.
•
Power-on sequence of R/D converter* and A/D converter power supply analog inputs
Be sure to turn on the digital power supply (VCC5) first, and then turn on the R/D converter* and A/D
converter power supplies (AVCC0*, AVCC3, AVRH0*, AVRH1, AVRH2, AVRH3, AVRL0*, AVRL1,
AVRL2, AVRL3) and analog inputs (MAG_PLUS*, MAG_MINUS*, COS_PLUS*, COS_MINUS*,
SIN_PLUS*, SIN_MINUS*, COS_IN*, SIN_IN*, AN0 to AN23). Also, turn off the R/D converter* and
A/D converter power supplies (AVCC0*, AVCC3, AVRH0*, AVRH1, AVRH2, AVRH3, AVRL0*, AVRL1,
AVRL2, AVRL3) and analog inputs (MAG_PLUS*, MAG_MINUS*, COS_PLUS*, COS_MINUS*,
SIN_PLUS*, SIN_MINUS*, COS_IN*, SIN_IN*, AN0 to AN23) first, and then turn off the digital power
supply (VCC5). When the AVRH0*, AVRH1, AVRH2, and AVRH3 pin voltages are turned on or off, they
must not exceed AVCC0* and AVCC3. Even if a common analog input pin is used as an input port, its input
voltage must not exceed AVCC0* or AVCC3. (However, the analog power supply voltage and digital power
supply voltage can be turned on or off simultaneously.)
•
Treatment of C pin
This device contains a voltage step-down circuit. A capacitor must always be connected to the C pin to
assure the internal stabilization of the device. For the standard values, see the "Recommended Operating
Conditions" of the latest data sheet.
*: MB91F585LA/F586LA/F587LA/F585LC/F586LC/F587LC only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com