Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 127 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 127 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 123Page - SPANSION MB91F587LB Datasheet HTML 124Page - SPANSION MB91F587LB Datasheet HTML 125Page - SPANSION MB91F587LB Datasheet HTML 126Page - SPANSION MB91F587LB Datasheet HTML 127Page - SPANSION MB91F587LB Datasheet HTML 128Page - SPANSION MB91F587LB Datasheet HTML 129Page - SPANSION MB91F587LB Datasheet HTML 130Page - SPANSION MB91F587LB Datasheet HTML 131Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 177 page
background image
D at aS h ee t
124
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
4. AC characteristics
(1) Main Clock Timing
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin
name Conditions
Value
Unit
Remarks
Min Typ Max
Source oscillation
clock frequency
FC
X0, X1
-
4
-
20
MHz
Source oscillation
clock cycle time
tCYL
X0, X1
-
50
-
250
ns
Internal operating
clock frequency*
FCP
-
-
-
-
128 MHz CPU clock
FCPP
-
-
-
-
40
MHz Peripheral bus clock
FCPT
-
-
-
-
40
MHz External bus clocks
Internal operating
clock cycle time*
tCP
-
-
7.82
-
-
ns
CPU clock
tCPP
-
-
25
-
-
ns
Peripheral bus clock
tCPT
-
-
25
-
-
ns
External bus clocks
CAN PLL jitter
(during lock)
tPJ
-
-
-10
-
+10
ns
Built-in CR
oscillation frequency
FCCR
-
-
50 100 150
kHz
*: The maximum/minimum value is defined when using the main clock and PLL clock.
•
X0,X1 clock timing
X0
t CYL
•
CAN PLL jitter
t1
t2
t3
t1
t2
t3
tn-1
tn
tn-1
tn
Deviation time from the ideal clock is assured per cycle out of 20, 000 cycles.
Ideal clock
PLL output
Slow
Fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com