Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 140 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 140 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 136Page - SPANSION MB91F587LB Datasheet HTML 137Page - SPANSION MB91F587LB Datasheet HTML 138Page - SPANSION MB91F587LB Datasheet HTML 139Page - SPANSION MB91F587LB Datasheet HTML 140Page - SPANSION MB91F587LB Datasheet HTML 141Page - SPANSION MB91F587LB Datasheet HTML 142Page - SPANSION MB91F587LB Datasheet HTML 143Page - SPANSION MB91F587LB Datasheet HTML 144Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
137
CONFIDENTIAL
(4-1-5) When the serial chip select is used (SCSCR:CSEN=1)
• Serial clock output signal detect level "H"(SMR,SCSFR:SCINV=0)
• Serial chip select inactive level "H"(SCSCR,SCSFR:CSLVL=1)
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit Remarks
Min
Max
SCS ↓ ⇒ SCK ↓
setup time
tCSSI
SCK1 to SCK4,
SCK3_1,SCK4_1,
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1
Master mode
CL=50pF
tCSSU*1+0
tCSSU*1+50
ns
SCK ↑ ⇒ SCS ↑
hold time
tCSHI
tCSHD*2-50
tCSHD*2+0
ns
SCS
deselect time
tCSDI
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1
-50+5tCPP
+tCSDS*3
+50+5tCPP
+tCSDS*3
ns
SCS ↓ ⇒ SCK ↓
setup time
tCSSE
SCK1 to SCK4,
SCK3_1,SCK4_1,
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1
Slave mode
CL=50pF
3tCPP+30
-
ns
SCK ↑ ⇒ SCS ↑
hold time
tCSHE
0
-
ns
SCS
deselect time
tCSDE
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1
3tCPP+30
-
ns
SCS ↓ ⇒ SOT
delay time
tDSE
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1,
SOT0 to SOT4,
SOT3_1,SOT4_1
-
40
ns
SCS ↑ ⇒ SOT
delay time
tDEE
0
-
ns
SCK ↓ ⇒ SCS ↓
clock switch time
tSCC
SCK1 to SCK4,
SCK3_1,SCK4_1,
SCS1 to SCS3,
SCS3_1,
SCS40 to SCS43
SCS40_1 to SCS43_1
Master mode
round
operation
CL=50pF
3tCPP+0
3tCPP+50
ns
*1: tCSSU =SCSTR:CSSU7-0 × Serial chip select timing operation clock
*2: tCSHD=SCSTR:CSHD7-0 × Serial chip select timing operation clock
*3: tCSDS=SCSTR:CSDS15-0 × Serial chip select timing operation clock
For details of *1, *2 and *3 above, see Hardware Manual.
Notes: • This is the AC characteristic in CLK synchronized mode.
•
CL is the load capacitance applied to pins during testing.
•
The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com