Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 151 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 151 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 147Page - SPANSION MB91F587LB Datasheet HTML 148Page - SPANSION MB91F587LB Datasheet HTML 149Page - SPANSION MB91F587LB Datasheet HTML 150Page - SPANSION MB91F587LB Datasheet HTML 151Page - SPANSION MB91F587LB Datasheet HTML 152Page - SPANSION MB91F587LB Datasheet HTML 153Page - SPANSION MB91F587LB Datasheet HTML 154Page - SPANSION MB91F587LB Datasheet HTML 155Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 177 page
background image
D at aS h ee t
148
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(5) Timer input timing
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse
width
tTIWH,
tTIWL
TIN0 to TIN3,
IN0 to IN7,
FRCK0 to FRCK5,
TIOA0, TIOA1,
TIOB0, TIOB1
-
4tCPP
-
ns
AIN0,AIN1,
BIN0,BIN1,
ZIN0,ZIN1
-
2tCPP
-
ns
•
Timer input timing
VIH
VIL
TINx
INx
t TIWL
tTIWH
VIH
VIL
FRCKx
TIOAx,TIOBx
AINx,BINx,ZINx
(6) Trigger input timing
(TA: Recommended operating conditions, VCC =5.0V±10% VSS=AVSS=0.0V)
Parameter Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse
width
tTRGH,
tTRGL
INT0 to INT7,
ADTG0 to ADTG2,
RX0 to RX2,
TRG0 to TRG5,
DTTI0,DTTI1
-
5tCPP
-
ns
1
-
µs
At Stop mode
•
Trigger input timing
VIH
VIL
ADTGx
tTRGL
tTRGH
VIH
VIL
INTx
RXx
TRGx
DTTIx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com