Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 158 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 158 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 154Page - SPANSION MB91F587LB Datasheet HTML 155Page - SPANSION MB91F587LB Datasheet HTML 156Page - SPANSION MB91F587LB Datasheet HTML 157Page - SPANSION MB91F587LB Datasheet HTML 158Page - SPANSION MB91F587LB Datasheet HTML 159Page - SPANSION MB91F587LB Datasheet HTML 160Page - SPANSION MB91F587LB Datasheet HTML 161Page - SPANSION MB91F587LB Datasheet HTML 162Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
155
CONFIDENTIAL
(12) External bus I/F (Asynchronous mode) timing
(TA: Recommended operating conditions, VCC = AVCC=5.0V±10%, VSS=AVSS=0.0V)
(External load capacitance 50pF)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
-
ns
Address setup →
RDX ↑ time
tASRH
RDX,
A00 to
A21
2 × tCYC – 12 2 × tCYC + 12
ns RWT=1, set RWT to 1 or
more.*
RDX ↑ →
Address hold
tRHAH
tCYC – 12
tCYC + 12
ns Set RDCS to 1 or more.
Data setup
→
RDX ↑ time
tDSRH
RDX,
D16 to
D31
18 +tCYC
-
ns RWT=1, set RWT to 1 or
more.
RDX ↑ →
Data hold
tRHDH
0
-
ns
Address setup →
WRnX ↑ time
tASWH
WR0X to
WR1X,
A00 to
A21
tCYC – 12
tCYC + 12
ns WWT=0.
*
WRnX ↑ →
Address hold
tWHAH
tCYC – 12
tCYC + 12
ns Set WRCS to 1 or more.
Data setup
→
WRnX ↑ time
tDSWH
WR0X to
WR1X,
D16 to
D31
tCYC – 16
tCYC + 16
ns WWT=0.
*
WRnX ↑ →
Data hold
tWHDH
tCYC – 16
tCYC + 16
ns Set WRCS to 1 or more.
Address setup →
ASX ↑ time
tMASASH
ASX,
D16 to
D31
tCYC – 16
tCYC + 16
ns ASCY=0.
ASX ↑ →
Address hold
tMASHAH
tCYC – 16
tCYC + 16
ns
In multiplex mode, set as
follows:
•
Set CSWR and CSRD to 2
or more.
•
Set to ADCY>ASCY.
To prevent protocol
violation, satisfy the
following conditions:
ADCY + 1 ≤ ACS + CSRD
ADCY + 1 ≤ ACS + CSWR
ASCY + 1 ≤ ACS + CSRD
ASCY + 1 ≤ ACS + CSWR
For details, see Hardware
Manual.
*: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded
cycles) to the rated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com